Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC4130-I Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STC4130-I
Description  Synchronous Clock for SETS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STC4130-I Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STC4130-I Datasheet HTML 5Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 6Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 7Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 8Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 9Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 10Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 11Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 12Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet #: TM084
Page 9 of 44
Rev: P02
Date: 12/5/06
© Copyright 200
6 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC4130
Synchronous Clock for SETS
Data Sheet
General Description
The STC4130 is an integrated single chip solution for
the synchronous clock in SDH and SONET network
elements. It’s highly integrated design implements all
of the necessary reference selection, monitoring, dig-
ital filtering, synthesis, and control functions. An
external OCXO or TCXO at either 10 or 20 MHz com-
pletes a system level solution (see Functional Block
Diagram, Figure 1).
The STC4130 includes two independent DPLLs
(Digital Phase-Locked Loop) implementing the timing
functions of T0 and T4. Each may select one of 12
reference inputs as its active reference. T0 provides
7 of the chip’s 8 clock outputs while T4 provides one
clock output. Both T0 and T4 provide a cross refer-
ence output for master/slave applications.
Reference frequencies are autodected and may each
be 8KHz, 64KHz, 1.544MHz, 2.048MHz, 19.44MHz,
38.88MHz, or 77.76MHz. Each reference input is
continuously monitored for activity and frequency
offset. Activity monitoring is implemented with a leaky
bucket accumulator with programmable fill and leak
rates. Frequency offset is determined relative to the
digitally
calibrated
external
OCXO/TCXO.
A
reference is designated as “qualified” if it is active
and its frequency is within the programmed
frequency offset range for a pre-programmed time.
Active references may be selected manually or
automatically, individually selectable for T0 and T4.
In manual mode, the active reference is selected
under application control,
independant of it’s
qualification status.
In automatic mode, the active reference is selected
according to revertivity status, and each reference’s
priority and qualification. Reference priorities are
individually programmable. T0 and T4 each have
their own priority tables. While a current active
reference is qualified, revertivity determines whether
a higher priority qualified reference
should be
selected as the new active reference. If revertivity is
enabled, the highest priority qualified reference will
always be selected as the active reference. If
revertivity is not enabled, a new or returning qualified
reference of higher priority will not be selected until
the current active reference is disqualified.
The two independent clock generators, T0 and T4,
each include a DPLL, which may operate in the
Freerun, Synchronized, and Holdover modes. Both
clock generators support master/slave operation for
redundant applications. T0 generates Connor-
Winfield’s proprietary SyncLinkTM Cross-couple
data link, which provides master/slave phase
information and state data to ensure seamless side
switches. T4 provides an 8KHz cross-couple signal.
The slave output clock phase is user adjustable.
The T0 and T4 clock generators may each be in fre-
erun, synchronized, or holdover modes. In freerun,
the clock outputs are simply determined by the accu-
racy of the digitally calibrated OCXO/TCXO. In syn-
chronized mode, the chip phase locks to the selected
input reference. Phase lock may be selected as arbi-
trary or zero phase offset between the reference and
clock outputs. All reference switches are performed
in a hitless manner, and frequency ramp controls
ensure smooth output signal transitions. When
references are switched, the device will minimize
phase transitions in the output clocks. While synchro-
nized, a frequency history is accumulated. In hold-
over mode, the chip outputs are synthesized
according to this or a user supplied history.
The Digital Phase Locked Loop which provides the
critical filtering and frequency/phase control functions
is implemented with Connor-Winfield’s NOVA Kernel
- a set of well-proven algorithms and control that
meet or exceed all requirements and lead the indus-
try in critical jitter and accuracy performance parame-
ters. Filter bandwidth may be user configured.
The device generates 8 independent synchronized
output clocks. The first is at 155.52MHZ. The second
and third clocks may be programmed at 19.44/38.88/
77.76MHZ. The fourth and fifth are at 8kHz and
2kHz. The sixth is programmable at 1, 2, 4, 8, or 16 x
T1 or E1. The seventh is programmable at either
DS3 or E3. The eighth is programmable at either T1
or E1.
Control functions are provided either via a standard
SPI serial bus interface or 8-bit parallel bus register
interfaces. These provide access to the STC4130’s
comprehensive, yet simple to use internal control
and status registers. Parallel bus operation is sup-
ported in the Motorola mode, Intel mode, or Multiplex
bus mode.


Similar Part No. - STC4130-I

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC4130-I CONNOR-WINFIELD-STC4130-I Datasheet
416Kb / 44P
   Synchronous Clock for SETS
More results

Similar Description - STC4130-I

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
   Synchronous Clock for SETS
logo
List of Unclassifed Man...
734200-1 ETC2-734200-1 Datasheet
51Kb / 1P
   HNADTOL FOR CHANGEABLE DIE SETS
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
   SETS for SyncE and OTN
February 22, 2022
logo
List of Unclassifed Man...
SCG4501 ETC2-SCG4501 Datasheet
1Mb / 16P
   Synchronous Clock Generators
logo
Connor-Winfield Corpora...
SCG3050 CONNOR-WINFIELD-SCG3050 Datasheet
795Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com