Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AXX2520 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part No. AXX2520
Description  Quartz Crystal Unit in SMD package 2.5x2.0 mm RoHS compliant
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXTAL [Advanced XTAL Products]
Homepage  http://www.axtal.com/index-engl.html
Logo 

AXX2520 Datasheet(HTML) 2 Page - Advanced XTAL Products

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXX2520
www.axtal.com
Wasemweg 5
page
2(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing
Environmental conditions
Test
IEC 60068
Part ...
IEC 61178-1
clause ...
Test conditions
Visual inspection,
dimensions
4.5
4.6
Enclosure styles as in IEC
60122-3, if applicable
Sealing tests
2-17
4.8.2
Gross leak: Test Qc,
Fine leak: Test Qk
Solderability
Resistance to
soldering heat
2-20
4.8.3
Test Ta (235
± 5)°C Method 1
Test Tb Method 1A, 5s
Shock
2-27
4.8.8
Test Ea, 3 x per axes 100g, 6 ms
half-sine pulse
Bump
2-29
4.8.6
Test Eb, 4000 bumps per Axes,
40g, 6 ms
Free fall
2-32
4.8.9
Test Ed procedure 1,
2 drops from 1m height
Vibration, sinusoidal
2-6
4.8.7
Test Fc, 30 min per axes,
10 Hz - 55 Hz 0,75mm; 55 Hz -
1 kHz, 10g
Rapid change of
temperature
2-14
4.8.5
Test Na, 10 cycles at extremes of
operating temperature range
Dry heat
2-2
4.8.11
Test Ba, 16 h at upper
temperature indicated by
climatic category
Damp heat, cyclic
2-30
4.8.12
Test Db variant 1 severity b),
55°C/95% r.H., 6 cycles
Cold
2-1
4.8.13
Test Aa, 2 h at lower
temperature indicated by
climatic category
Climatic sequence
1-7
4.8.14
Sequence of 4.8.11, 4.8.12 (1
st
cycle), 4.8.13, 4.8.12 (5 cycles)
Damp heat, steady
state
2-3
4.8.15
Test Ca, 56 days
Endurance tests
- ageing
- extended aging
4.9.1
4.9.2
30 days @ 85°C
1000h, 2000h, 8000h @85°C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn