Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74HCT4053 Datasheet(PDF) 16 Page - NXP Semiconductors

Part No. 74HCT4053
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HCT4053 Datasheet(HTML) 16 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
December 1990
16
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer
74HC/HCT4053
TEST CIRCUIT AND WAVEFORMS
Fig.20 Test circuit for measuring AC performance.
Conditions
TEST
SWITCH
VIS
tPZH
tPZL
tPHZ
tPLZ
others
VEE
VCC
VEE
VCC
open
VCC
VEE
VCC
VEE
pulse
FAMILY
AMPLITUDE
VM
tr; tf
fmax;
PULSE WIDTH
OTHER
74HC
VCC
50%
<2 ns
6 ns
74HCT
3.0 V
1.3 V
<2 ns
6 ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values).
RT = termination resistance should be equal to the output impedance ZO of the pulse generator.
tr =tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.
Fig.21 Input pulse definitions.
Conditions
TEST
SWITCH
VIS
tPZH
tPZL
tPHZ
tPLZ
others
VEE
VCC
VEE
VCC
open
VCC
VEE
VCC
VEE
pulse
FAMILY
AMPLITUDE
VM
tr; tf
fmax;
PULSE WIDTH
OTHER
74HC
VCC
50%
<2 ns
6 ns
74HCT
3.0 V
1.3 V
<2 ns
6 ns
CL = load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values).
RT = termination resistance should be equal to the output impedance ZO of the pulse generator.
tr =tf = 6 ns; when measuring fmax, there is no constraint to tr, tf with 50% duty factor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn