Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74HCT4053 Datasheet(PDF) 13 Page - NXP Semiconductors

Part No. 74HCT4053
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HCT4053 Datasheet(HTML) 13 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
December 1990
13
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer
74HC/HCT4053
Fig.12 Typical switch “OFF” signal feed-through as a function of frequency.
Test conditions:
VCC = 4.5 V; GND = 0 V; VEE = −4.5 V;
RL =50 Ω; Rsource =1 kΩ.
Fig.13 Typical frequency response.
Test conditions:
VCC = 4.5 V; GND = 0 V; VEE = −4.5 V;
RL =50 Ω; Rsource =1 kΩ.
Fig.14 Test circuit for measuring sine-wave
distortion and minimum frequency
response.
Fig.15 Test circuit for measuring switch “OFF”
signal feed-through.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn