Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74HCT4053 Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. 74HCT4053
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HCT4053 Datasheet(HTML) 10 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
December 1990
10
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer
74HC/HCT4053
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VEE
(V)
OTHER
+25
−40 to +85 −40 to +125
min
.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
Vis to Vos
5
4
12
8
15
10
18
12
ns
4.5
4.5
0
−4.5
RL = ∞;
CL = 50 pF
(see Fig.18)
tPZH/ tPZL
turn “ON” time
E to Vos
27
16
48
34
60
43
72
51
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPZH/ tPZL
turn “ON” time
Sn to Vos
25
16
48
34
60
43
72
51
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPHZ/ tPLZ
turn “OFF” time
E to Vos
24
15
44
31
55
39
66
47
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)
tPHZ/ tPLZ
turn “OFF” time
Sn to Vos
22
15
44
31
55
39
66
47
ns
4.5
4.5
0
−4.5
RL =1 kΩ;
CL = 50 pF
(see Figs 19,
20 and 21)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn