Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AXIOM60 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part No. AXIOM60
Description  Miniature OCXO with Stratum III stability option
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXTAL [Advanced XTAL Products]
Homepage  http://www.axtal.com/index-engl.html
Logo 

AXIOM60 Datasheet(HTML) 1 Page - Advanced XTAL Products

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM60
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM60
Issue: 06
Date: 2005-07-15
Oscillator type :
Miniature OCXO with Stratum III stability option
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
40
MHz
Standard frequencies
10.0 / 12.8 / 19.440
MHz
Frequency stability
ppm
Initial tolerance
± 500
ppb
@+25°C, VC= center
vs. temperature
± 280
± 200
± 100
ppb
ppb
ppb
Option II = “S3”
Option II = “200”
Option II = “100”
operating temperature range
-20
-10
+70
+60
°C
°C
Option II “S3” & “200”
Option II = “100”
vs. supply voltage variation
± 10
ppb
vs. load change
± 10
ppb
24 hour drift
3
± 40
ppb
Option II = “S3”
Long term stability per year
(overall)
2 15 years
± 0.5
± 4.6
ppm/y
ppm
Option II “100” & “200”
Option II = “S3”
Frequency adjustment range
Electronic Frequency Control (EFC)
4
± 2
ppm
N.A. for Option II= “S3”
EFC voltage
4 V
C
0.15
0.25
1.65
2.5
3.15
4.75
V
V
Option I = “33”
Option I = “50”
EFC slope (
∆f / ∆V
C)
Positive
EFC linearity
10
%
EFC input impedance
100
k
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
10
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Warm-up time
2
min
∆f
final/f0 < ±0.1 ppm
Supply voltage VS
3.13
4.75
3.3
5.0
3.47
5.25
V
Option I = “33”
Option I = “50”
Current consumption
(steady state @ +25°C)
150
100
200
150
mA
mA
Option I = “33”
Option I = “50”
Current consumption (warm-up)
500
350
mA
mA
Option I = “33”
Option I = “50”
Operable temperature range
-30
+75
°C
Storage temperature range
-40
+85
°C
Enclosure (see drawing) (LxWxH)
14.4 x 9.5 x 8.5 max.
mm
CO 27 (IEC 61837)
Weight
5
gram
Packing
Tape & Reel
ESD Sensitivity
1500
V
HBM as in IEC 61000-
4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Overall frequency stability = temp.stability + supply & load change + aging
3.
24 hours drift including VS ± 5%. ±2.78°C and daily aging
4.
No voltage control function (EFC) provided in Stratum III version (Option II = “S3”)
Ordering Code:
Model (Specification)
Option I:
Supply Voltage
Option II:
Stability
Frequency [MHz]
AXIOM60
33
100
12.800


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn