Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88013IH531Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL88013IH531Z
Description  5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88013IH531Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL88013IH531Z Datasheet HTML 3Page - Intersil Corporation ISL88013IH531Z Datasheet HTML 4Page - Intersil Corporation ISL88013IH531Z Datasheet HTML 5Page - Intersil Corporation ISL88013IH531Z Datasheet HTML 6Page - Intersil Corporation ISL88013IH531Z Datasheet HTML 7Page - Intersil Corporation ISL88013IH531Z Datasheet HTML 8Page - Intersil Corporation ISL88013IH531Z Datasheet HTML 9Page - Intersil Corporation ISL88013IH531Z Datasheet HTML 10Page - Intersil Corporation ISL88013IH531Z Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN8093.0
February 13, 2006
ISL8801XEVAL1 BOM (Bill Of Materials)
R1, R2, R7, R8, R9, R10, R15, R20, R21, R22, = 100k
RST/MR Pull-up Resistors
R11, R12 =10k
Ω ISL88015 VMON divider to monitor 1.2V
R4 = 10k
Ω ISL88014 VMON divider lower R to monitor 1.93V
R3 = 22k
Ω ISL88014 VMON divider upper R to monitor 1.93V
R17 = 10.0k
Ω ISL88012 VMON divider lower R to monitor
10.7V
R18 = 169k
Ω ISL88012 VMON divider upper R to monitor
10.7V
C1, C2 = 1000nF Bias supply decoupling
C3 = DNP CPOR open on ISL88011
C5 = 22pF CPOR cap on ISL88014
U1-U3 = ISL8801XIH544 (Variant noted on bd)
U6-U8 = DNP (left open for any variant to be populated)
U4, U9 = ISL88014
U5, U10 = ISL88015
FIGURE 11. ISL8801XEVAL1 SCHEMATIC AND PHOTOGRAPH
ISL88011, ISL88012, ISL88013, ISL88014, ISL88015


Similar Part No. - ISL88013IH531Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88013IH531Z-T7A RENESAS-ISL88013IH531Z-T7A Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Intersil Corporation
ISL88013IH531Z-TK INTERSIL-ISL88013IH531Z-TK Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88013IH531Z-TK RENESAS-ISL88013IH531Z-TK Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
More results

Similar Description - ISL88013IH531Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com