Electronic Components Datasheet Search |
|
ISL88011IH544Z Datasheet(PDF) 4 Page - Intersil Corporation |
|
ISL88011IH544Z Datasheet(HTML) 4 Page - Intersil Corporation |
4 / 11 page 4 FN8093.0 February 13, 2006 Absolute Maximum Ratings Recommended Operating Conditions Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C Voltage on any pin with respect to GND . . . . . . . . . . . . -1.0V to +7V D.C. output current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Lead temperature (soldering, 10 seconds) . . . . . . . . . . . . . . . 300°C Recommended Operating Conditions Temperature Range (Industrial) . . . . . . . . . . . . . . . . . .-40°C to 85°C Pull-up Resistance (RPU) . . . . . . . . . . . . . . . . . . . . . 5kΩ to 100kΩ Thermal Resistance (Typical, Note 4) θJA (°C/W) 5 Ld SOT-23. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 190 Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C (SOT-23 Lead Tips Only) CAUTION: Absolute Maximum Ratings indicate limits beyond which permanent damage to the device and impaired reliability may occur. These are stress ratings provided for information only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification are not implied. For guaranteed specifications and test conditions, see Electrical Specifications. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. NOTE: 4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications Over the recommended operating conditions unless otherwise specified, RPU = 10kΩ. SYMBOL PARAMETER TEST CONDITIONS MIN TYP MAX UNITS VDD Supply Voltage Range 2.0 5.5 V IDD Supply Current for ISL88011, ISL88012, ISL88013 VDD = 5.0V 8 11.5 µA VDD = 3.3V 7 10 µA VDD = 2.5V 5.5 9 µA Supply Current for ISL88014/15 VDD = 3.3V 4.5 8 µA ILI Input Leakage Current (VMON) 100 nA ILO Output Leakage Current (VMON) 100 nA VOLTAGE THRESHOLDS VTHVDD Fixed VDD Voltage Trip Point ISL88011, 88012, 88013IH546 4.57 4.64 4.71 V ISL88011, 88012, 88013IH544 4.31 4.38 4.45 V ISL88011, 88012, 88013IH531 3.04 3.09 3.14 V ISL88011, 88012, 88013IH529 2.88 2.92 2.96 V ISL88011, 88012, 88013IH526 2.59 2.63 2.67 V ISL88011, 88012, 88013IH523 2.29 2.32 2.35 V ISL88011, 88012, 88013IH522 2.16 2.19 2.22 V VTHVDD HYST Hysteresis at VDD Input VTHVDD = 4.64V 46 mV VTHVDD = 4.38V 44 mV VTHVDD = 3.09V 31 mV VTHVDD = 2.92V 29 mV VTHVDD= 2.63V 26 mV VTHVDD = 2.32V 23 mV VTHVDD = 2.19V 22 mV VTHVMON Adj. Reset Voltage Trip Point (Note 5) VTHVDD = 4.64V 599 605 611 mV VTHVDD = 4.38V 597 603 609 mV VTHVDD = 3.09V 589 595 601 mV VTHVDD = 2.92V 589 595 601 mV VTHVDD= 2.63V 589 595 601 mV VTHVDD = 2.32V 597 603 609 mV VTHVDD = 2.19V 597 603 609 mV ISL88011, ISL88012, ISL88013, ISL88014, ISL88015 |
Similar Part No. - ISL88011IH544Z |
|
Similar Description - ISL88011IH544Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |