Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6156K800WSA-70I Datasheet(PDF) 9 Page - Eorex Corporation

Part # EM6156K800WSA-70I
Description  256Kx16 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6156K800WSA-70I Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EM6156K800WSA-70I Datasheet HTML 4Page - Eorex Corporation EM6156K800WSA-70I Datasheet HTML 5Page - Eorex Corporation EM6156K800WSA-70I Datasheet HTML 6Page - Eorex Corporation EM6156K800WSA-70I Datasheet HTML 7Page - Eorex Corporation EM6156K800WSA-70I Datasheet HTML 8Page - Eorex Corporation EM6156K800WSA-70I Datasheet HTML 9Page - Eorex Corporation EM6156K800WSA-70I Datasheet HTML 10Page - Eorex Corporation EM6156K800WSA-70I Datasheet HTML 11Page - Eorex Corporation EM6156K800WSA-70I Datasheet HTML 12Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
256Kx16 LP SRAM EM6156K600V Series
9
DCC-SR-041003-A
PACKAGE OUTLINE DIMENSION
44-pin 400mil TSOP-II Package Outline Dimension
DIMENSIONS IN MILLMETERS
DIMENSIONS IN INCHS
SYMBOLS
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.00
-
1.20
0.039
-
0.047
A1
0.05
-
0.15
0.002
-
0.006
A2
0.95
-
1.05
0.037
0.039
0.041
b
0.30
0.35
0.45
0.012
0.014
0.018
c
0.12
-
0.21
0.0047
-
0.083
D
18.313
18.415
18.517
0.721
0.725
0.728
E
11.76
11.836
11.838
0.460
0.466
0.470
E1
10.058
10.160
10.282
0.398
0.400
0.404
e
-
0.800
-
-
0.0315
-
L
0.40
0.50
0.60
0.0157
0.020
0.0236
ZD
-
0.805
-
-
0.0317
-
y
0.00
0.076
0.000
0.003
Θ
10°
10°


Similar Part No. - EM6156K800WSA-70I

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
EM6156LXES8B-4.4 EMMICRO-EM6156LXES8B-4.4 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
More results

Similar Description - EM6156K800WSA-70I

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
logo
Simtek Corporation
STK14EC16 SIMTEK-STK14EC16 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com