Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1854J Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UC1854J
Description  High Power Factor Preregulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1854J Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC1854J Datasheet HTML 3Page - Texas Instruments UC1854J Datasheet HTML 4Page - Texas Instruments UC1854J Datasheet HTML 5Page - Texas Instruments UC1854J Datasheet HTML 6Page - Texas Instruments UC1854J Datasheet HTML 7Page - Texas Instruments UC1854J Datasheet HTML 8Page - Texas Instruments UC1854J Datasheet HTML 9Page - Texas Instruments UC1854J Datasheet HTML 10Page - Texas Instruments UC1854J Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UC1854
UC2854
UC3854
PROTECTION INPUTS
ENA (Enable): The ENA input must reach 2.5 volts be-
fore the REF and GT Drv outputs are enabled. This pro-
vides a means to shut down the gate in case of trouble, or
to add a time delay at power up. A hysteresis gap of
200mV is provided at this terminal to prevent erratic op-
eration. Undervoltage protection is provided directly at pin
15, where the on/off thresholds are 16V and 10V. If the
ENA input is unused, it should be pulled up to VCC
through a current limiting resistor of 100k.
SS (Soft start): The voltage at pin 13 (SS) can reduce
the reference voltage used by the error amplifier to regu-
late the output DC voltage. With pin 13 open, the refer-
ence voltage is typically 7.5V. An internal current source
delivers approximately -14
µA from pin 13. Thus a capaci-
tor connected between that pin and ground will charge
linearly from zero to 7.5V in 0.54C seconds, with C ex-
pressed in microfarads.
PKLIM (Peak current limit): Use pin 2 to establish the
highest value of current to be controlled by the power
MOSFET. With the resistor divider values shown in Figure
1, the 0.0V threshold at pin 2 is reached when the voltage
drop across the 0.25 ohm current sense resistor is
7.5V*2k/10k=1.5V, corresponding to 6A. A bypass capaci-
tor from pin 2 to ground is recommended to filter out very
high frequency noise.
CONTROL INPUTS
VSENSE (Output DC voltage sense): The threshold voltage
for the VSENSE input is 7.5V and the input bias current is
typically 50nA. The values shown in Figure 1 are for an
output voltage of 400V DC. In this circuit, the voltage am-
plifier operates with a constant low frequency gain for
minimum output excursions. The 47nF feedback capacitor
places a 15Hz pole in the voltage loop that prevents
120Hz ripple from propagating to the input current.
IAC (Line waveform): In order to force the line current
waveshape to follow the line voltage, a sample of the
power line voltage in waveform is introduced at pin 6. This
signal is multiplied by the output of the voltage amplifier in
the internal multiplier to generate a reference signal for
the current control loop.
This input is not a voltage, but a current (hence IAC). It is
set up by the 220k and 910k resistive divider (see Figure
1). The voltage at pin 6 is internally held at 6V, and the
two resistors are chosen so that the current flowing into
pin 6 varies from zero (at each zero crossing) to about
400
µA at the peak of the waveshape. The following for-
mulas were used to calculate these resistors:
RAC
=
Vpk
IACpk
=
260
VAC
× √2
400
µA
= 910k
RREF
= R
AC
4
= 220k
(where Vpk is the peak line voltage)
ISENSE/Mult Out (Line current): The voltage drop across
the 0.25 ohm current-sense resistor is applied to pins 4
and 5 as shown. The current-sense amplifier also oper-
ates with high low-frequency gain, but unlike the voltage
amplifier, it is set up to give the current-control loop a very
wide bandwidth. This enables the line current to follow the
line voltage as closely as possible. In the present exam-
ple, this amplifier has a zero at about 500Hz, and a gain
of about 18dB thereafter.
VRMS (RMS line voltage): An important feature of the
UC3854 preregulator is that it can operate with a three-to-
one range of input line voltages, covering everything from
low line in the US (85VAC) to high line in Europe
(255VAC). This is done using line feedforward, which
keeps the input power constant with varying input voltage
(assuming constant load power). To do this, the multiplier
divides the line current by the square of the RMS value of
the line voltage. The voltage applied to pin 8, proportional
to the average of the rectified line voltage (and propor-
tional to the RMS value), is squared in the UC3854, and
then used as a divisor by the multiplier block. The multi-
plier output, at pin 5, is a current that increases with the
current at pin 6 and the voltage at pins 7, and decreases
with the square of the voltage at pin 8.
PWM FREQUENCY: The PWM oscillator frequency in
Figure 1 is 100kHz. This value is determined by CT at pin
14 and RSET at pin 12. RSET should be chosen first be-
cause it affects the maximum value of IMULT according to
the equation:
IMULTMAX
= −
3.75
V
RSET
This effectively sets a maximum PWM-controlled current.
With RSET=15k,
IMULTMAX
= −
3.75
V
15
k
= −250µA
Also note that the multiplier output current will never ex-
ceed twice IAC.
With the 4k resistor from Mult Out to the 0.25 ohm current
sense resistor, the maximum current in the current sense
resistor will be
IMAX
= −
IMULTMAX
×4k
0.25
=
−4A
Having thus selected RSET, the current sense resistor,
and the resistor from Mult Out to the current sense resis-
tor, calculate CT for the desired PWM oscillator frequency
from the equation
CT
=
1.25
F
× RSET
APPLICATIONS INFORMATION (cont.)
7


Similar Part No. - UC1854J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1854J TI-UC1854J Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854J TI1-UC1854J Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854J TI1-UC1854J Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854J883B TI1-UC1854J883B Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1854J883B TI1-UC1854J883B Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results

Similar Description - UC1854J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com