Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6156K800VSA-70I Datasheet(PDF) 11 Page - Eorex Corporation

Part # EM6156K800VSA-70I
Description  256Kx16 LP SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM6156K800VSA-70I Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EM6156K800VSA-70I Datasheet HTML 4Page - Eorex Corporation EM6156K800VSA-70I Datasheet HTML 5Page - Eorex Corporation EM6156K800VSA-70I Datasheet HTML 6Page - Eorex Corporation EM6156K800VSA-70I Datasheet HTML 7Page - Eorex Corporation EM6156K800VSA-70I Datasheet HTML 8Page - Eorex Corporation EM6156K800VSA-70I Datasheet HTML 9Page - Eorex Corporation EM6156K800VSA-70I Datasheet HTML 10Page - Eorex Corporation EM6156K800VSA-70I Datasheet HTML 11Page - Eorex Corporation EM6156K800VSA-70I Datasheet HTML 12Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
256Kx16 LP SRAM EM6156K600V Series
11
DCC-SR-041003-A
Product ID Information
* Product ID example
EOREX
Manufactured
Memory
SRAM
Family
61: Standard
EM
61
56K
6
0
0
V
T
A – 45
IF*
Option
Option
Voltage:
V: 3V
W: 2.7V
~5.5V
T: 5V
Package:
S: sTSOP
P: PDIP
F: SOP
B: TFBGA
T: TSOP
Version
Speed:
45ns
55ns
70ns
Configuration:
8: x8
16: x16
Address Density
56K: 256K
TEMP:
Blank: Normal
I: Industrial
Pb-Free PKG:
Blank: Normal
F: Pb-free


Similar Part No. - EM6156K800VSA-70I

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
EM6156LXES8B-4.4 EMMICRO-EM6156LXES8B-4.4 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
More results

Similar Description - EM6156K800VSA-70I

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
   64Kx16 LP SRAM
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96795
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
logo
Simtek Corporation
STK14EC16 SIMTEK-STK14EC16 Datasheet
550Kb / 21P
   256Kx16 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com