Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93HC46UE-18TE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT93HC46UE-18TE13
Description  1-kb High Speed Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93HC46UE-18TE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT93HC46UE-18TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93HC46UE-18TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93HC46UE-18TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93HC46UE-18TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93HC46UE-18TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93HC46UE-18TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93HC46UE-18TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93HC46UE-18TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93HC46UE-18TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Discontinued
Part
3
CAT93HC46
Doc. No. 1008, Rev. H
1.8 V - 5.5 V
2.5 V - 5.5 V
4.5 V - 5.5 V
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
Conditions
SKMAX
Maximum Clock Frequency
DC
1
DC
2
DC
4
MHz
tCSS
CS Setup Time
240
120
60
ns
tCSH
CS Hold Time
0
0
0
ns
tDIS
DI Setup Time
240
120
60
ns
tDIH
DI Hold Time
240
120
60
ns
tPD1
Output Delay to 1
480
240
120
ns
tPD0
Output Delay to 0
480
240
120
ns
tHZ(1)
Output Delay to High-Z
240
120
60
ns
tCSMIN
Minimum CS Low Time
240
120
60
ns
tSKHI
Minimum SK High Time
480
240
120
ns
tSKLOW
Minimum SK Low Time
240
120
60
ns
tSV
Output Delay to Status Valid
480
240
120
ns
tEW
Program/Erase Pulse Width
5
5
5
ms
A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 10 ns
Input Pulse Voltages
0.4 V to 2.4 V
4.5 V
≤ VCC ≤ 5.5 V
Timing Reference Voltages
0.8 V, 2.0 V
4.5 V
≤ VCC ≤ 5.5 V
Input Pulse Voltages
VCC x 0.2 to VCC x 0.8
1.8 V
≤ VCC ≤ 4.5 V
Timing Reference Voltages
VCC x 0.5
1.8 V
≤ VCC ≤ 4.5 V
POWER-UP TIMING (1)(2)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
(3) The input levels and timing reference points are shown in the “AC Test Conditions” table.
A.C. CHARACTERISTICS
Industrial Temperature Range (-40
°C to 85°C)
CL = 100 pF
(3)


Similar Part No. - CAT93HC46UE-18TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93HC46UE-1.8TE13 CATALYST-CAT93HC46UE-1.8TE13 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results

Similar Description - CAT93HC46UE-18TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com