Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MN3309 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. MN3309
Description  256-Stage Ultra Low Voltage Operation BBD for Audio Signals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN3309 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN3309 Datasheet HTML 1Page - Panasonic Semiconductor MN3309 Datasheet HTML 2Page - Panasonic Semiconductor MN3309 Datasheet HTML 3Page - Panasonic Semiconductor MN3309 Datasheet HTML 4Page - Panasonic Semiconductor MN3309 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
MN3309
MN3300 Series
s Typical Characteristics (To be continued)
Vi(max)  Ta
THD
 V
DD
VBias  VDD
THD
 Ta
fi  Ta
fi  VDD
Gi  VDD
Vi(max)  VDD
S/N
 V
DD
s Supply Voltage Characteristics
1
0
−2
−3
−1
−7
−6
−5
−7
−40
VDD=3V
fCP=40kHz
fi=1kHz
THD
=2.5%
−20 0
20
100 120
60
40
80
Ambient temperature
Ta (
°C)
40
20
30
10
0
−40
VDD=3V
fCP=40kHz
Vo(fi)=Vo(1kHz)−3dB
−20 0
20
100 120
60
40
80
Ambient temperature
Ta (
°C)
0.8
0.4
0.6
0.2
0
−40
VDD=3V
fi=1kHz
fCP=40kHz
Vi=0.22Vrms
−20 0
20
100 120
60
40
80
Ambient temperature
Ta (
°C)
6
5
3
4
2
1
0
0
Ta
=25°C
24
8
6
Supply voltage
V
DD
(V)
4
2
3
1
0
0
fCP=40kHz
fi=1kHz
Vi=Vi(max)−6dB
Ta
=25°C
28
46
Supply voltage
V
DD
(V)
fCP=40kHz
Vo(fi)=Vo(1kHz)−3dB
Ta
=25°C
22
20
16
18
14
12
10
02
4
8
6
Supply voltage
V
DD
(V)
Supply voltage
V
DD
(V)
20
0
10
−10
−20
0
fCP=40kHz
fi=1kHz
THD
=2.5%
Ta
=25°C
28
46
5
1
3
−1
4
0
2
−2
−3
0
fCP=40kHz
fi=1kHz
Vi=Vi(max)−6dB
Ta
=25°C
28
46
Supply voltage
V
DD
(V)
Ta
=25°C
110
100
80
90
70
60
50
02
4
8
6
Supply voltage
V
DD
(V)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn