Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93HC46SATE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT93HC46SATE13
Description  1-kb High Speed Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93HC46SATE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

  CAT93HC46SATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93HC46SATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93HC46SATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93HC46SATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93HC46SATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93HC46SATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93HC46SATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93HC46SATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93HC46SATE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Discontinued
Part
6
CAT93HC46
Doc. No. 1008, Rev. H
Erase/Write Enable and Disable
The CAT93HC46 powers up in the write disable state.
Any writing after power-up or after an EWDS (write
disable) instruction must first be preceded by the EWEN
(write enable) instruction. Once write is enabled, it will
remain enabled until power to the device is removed, or
the EWDS instruction is sent. The EWDS instruction can
be used to disable all CAT93HC46 write and clear
instructions, and will prevent any accidental writing or
clearing of the device. Data can be read normally from
the device regardless of the write enable/disable status.
Erase All
Upon receiving an ERAL command, the CS (Chip Select)
pin must be deselected for a minimum of tCSMIN. The
falling edge of CS will start the self-timed clear cycle of
all memory locations in the device. The clocking of the
SK pin is not necessary after the device has entered the
self-timed mode. (Note 1.) The ready/busy status of the
CAT93HC46 can be determined by selecting the device
and polling the DO pin. Once cleared, the contents of all
memory locations will return to a logical “1” state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self-timed
data write to all memory locations in the device. The
clocking of the SK pin is not necessary after the device
has entered the self-timed mode. The ready/busy status
of the CAT93HC46 can be determined by selecting the
device and polling the DO pin. It is not necessary for all
memory locations to be cleared before the WRAL
command is executed. Once written, the contents of all
memory locations will return to a logical “0” state.
Note 1: After the last data bit has been sampled, Chip
Select (CS) must be brought Low before the next rising
edge of the clock (SK) in order to start the self-timed high
voltage cycle. This is important because if the CS is
brought low before or after this specific frame window,
the addressed location will not be programmed or erased.
Figure 4. Erase Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH-Z
HIGH-Z
1
AN
AN-1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
tCS MIN
11
A0
Figure 3. Write Instruction Timing
SK
CS
DI
DO
tCS MIN
STANDBY
HIGH-Z
HIGH-Z
101
AN
AN-1
A0
DN
D0
BUSY
READY
STATUS
VERIFY
tSV
tHZ
tEW


Similar Part No. - CAT93HC46SATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93HC46SATE13 CATALYST-CAT93HC46SATE13 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results

Similar Description - CAT93HC46SATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com