Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93HC46JI-1.8TE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT93HC46JI-1.8TE13
Description  1-kb High Speed Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93HC46JI-1.8TE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT93HC46JI-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93HC46JI-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93HC46JI-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93HC46JI-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93HC46JI-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93HC46JI-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93HC46JI-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93HC46JI-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93HC46JI-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Discontinued
Part
5
CAT93HC46
Doc. No. 1008, Rev. H
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the CAT93HC46
will come out of the high impedance state; after an initial
dummy zero bit, data will be shifted out, MSB first. The
output will toggle on the rising edge of the SK clock and
will be stable after the specified time delay (tPD0 or tPD1)
After the 1st data word has been shifted out and CS
remains asserted with the SK clock continuing to toggle,
the CAT93HC46 will automatically increment to the next
address and shift out the next data word. As long as CS
is continuously asserted and SK continues to toggle, the
device will keep incrementing to the next address
automatically until it reaches the end of the address
space, then loops back to address 0. In the sequential
READ mode, only the initial data word is preceeded by
a dummy zero bit; all subsequent data words will follow
without a dummy zero bit.
Write
After receiving a WRITE command, address and data,
the CS (Chip Select) pin must be deselected for a
minimum of tCSMIN. The falling edge of CS will start the
self-timed clear and data store cycle into the specified
memory location. The clocking of the SK pin is not
necessary after the device has entered the self-timed
mode. (Note 1.) The ready/busy status of the CAT93HC46
can be determined by selecting the device and polling
the DO pin. Since this device features Auto-Clear before
write, it is NOT necessary to erase a memory location
before it is written into.
Erase
Upon receiving an ERASE command and address, the
CS (Chip Select) pin must be deasserted for a minimum
of tCSMIN. The falling edge of CS will start the self-timed
clear cycle of the selected memory location. The clocking
of the SK pin is not necessary after the device has
entered the self-timed mode. (Note 1.) The ready/busy
status of the CAT93HC46 can be determined by selecting
the device and polling the DO pin. Once cleared, the
content of a cleared location returns to a logical “1” state.
Figure 2a. Read Instruction Timing
SK
CS
DI
DO
tCS
STANDBY
tHZ
HIGH-Z
HIGH-Z
11
0
AN
AN—1
A0
0
DN DN—1
D1
D0
tPD0
MIN
Figure 2b. Sequential Read Instruction Timing
SK
CS
DI
DO
HIGH-Z
11
0
AN AN–1
A0
Dummy 0
D15 . . . D0
or
D7 . . . D0
1
1
1
1
1
1
1
1
1111111
Address + 1
D15 . . . D0
or
D7 . . . D0
Address + 2
D15 . . . D0
or
D7 . . . D0
Address + n
D15 . . .
or
D7 . . .
Don't Care


Similar Part No. - CAT93HC46JI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93HC46JI-1.8TE13 CATALYST-CAT93HC46JI-1.8TE13 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results

Similar Description - CAT93HC46JI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com