Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8230A Datasheet(PDF) 5 Page - NEC

Part # SM8230A
Description  Tone Dialer with Built-in Piezo Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SM8230A Datasheet(HTML) 5 Page - NEC

  SM8230A_06 Datasheet HTML 1Page - NEC SM8230A_06 Datasheet HTML 2Page - NEC SM8230A_06 Datasheet HTML 3Page - NEC SM8230A_06 Datasheet HTML 4Page - NEC SM8230A_06 Datasheet HTML 5Page - NEC SM8230A_06 Datasheet HTML 6Page - NEC SM8230A_06 Datasheet HTML 7Page - NEC SM8230A_06 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM8230A
SEIKO NPC CORPORATION —5
FUNCTIONAL DESCRIPTION
Serial Interface
Data is transferred in 16-bit units by writing commands over a 3-line serial interface comprising OE (output
enable), SCL (serial clock) and SD (serial data input). Note that data transfer is unidirectional; no data is output
from the SM8230A. The operating sequence is described below.
Command transfer
Data can be transferred when OE goes LOW. Data is transferred in 16-bit units in sync with the rising edge of
the SCL clock.
Note that when OE is LOW and both SD and SCL are tied LOW, the current consumption is less than 1µA
(standby mode).
The internal states are undefined when power is first applied.
DTMF analog signal output
Data transfer stops and DTMF analog signal output starts when OE goes HIGH, as shown in figure 2.
Figure 1. Serial interface connection example
Figure 2. Serial data transfer timing
(Clock)
Port
Serial Clock
Serial Data
CPU
CLK
OE
SCL
SD
BZH
BZL
R
Piezo Buzzer
SM8230
SCL
SD
BZL
12
345
678
9
10
11
12
13
14
15
16
MSB
LSB
BZH
OE
0
0
CK1 CK0 FH1 FH0 GH3 GH2 GH1 GH0 FL1 FL0 GL3 GL2 GL1 GL0
Piezo buzzer
output
Serial data transmission
Low frequency
group output
High frequency
group output
b15 b14 b13 b12 b11 b10 b9
b8
b7
b6
b5
b4
b3
b2
b1
b0


Similar Part No. - SM8230A_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8230A NPC-SM8230A Datasheet
56Kb / 7P
   Tone Dialer with Built-in Piezo Driver
More results

Similar Description - SM8230A_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8230A NPC-SM8230A Datasheet
56Kb / 7P
   Tone Dialer with Built-in Piezo Driver
logo
List of Unclassifed Man...
NT95089 ETC-NT95089 Datasheet
309Kb / 11P
   Tone Dialer
HM9187 ETC1-HM9187 Datasheet
76Kb / 1P
   TONE DIALER
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
   TONE DIALER
logo
List of Unclassifed Man...
UM95080 ETC-UM95080 Datasheet
91Kb / 1P
   ONE KEY DIALER TONE DIALER
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
logo
Holtek Semiconductor In...
HT9201A HOLTEK-HT9201A Datasheet
396Kb / 7P
   Simple Tone Dialer
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
   TONE DIALER LSI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com