Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4251PARGTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ONET4251PARGTRG4
Description  1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4251PARGTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  ONET4251PARGTRG4 Datasheet HTML 1Page - Texas Instruments ONET4251PARGTRG4 Datasheet HTML 2Page - Texas Instruments ONET4251PARGTRG4 Datasheet HTML 3Page - Texas Instruments ONET4251PARGTRG4 Datasheet HTML 4Page - Texas Instruments ONET4251PARGTRG4 Datasheet HTML 5Page - Texas Instruments ONET4251PARGTRG4 Datasheet HTML 6Page - Texas Instruments ONET4251PARGTRG4 Datasheet HTML 7Page - Texas Instruments ONET4251PARGTRG4 Datasheet HTML 8Page - Texas Instruments ONET4251PARGTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
R
TH [
22.4 kW
V
AST
mVp*p * 1
) 560 W
(1)
V
AST
[
22.4 mVp*p
R
TH
kW * 0.56
) 1 mVp*p
(2)
BANDGAP VOLTAGE AND BIAS GENERATION
PACKAGE
1
2
3
4
VCC
DIN+
DIN−
VCC
RGT PACKAGE
(TOP VIEW)
12
11
10
9
16
VCC
DOUT+
DOUT−
OUTPOL
15
14
13
5
6
7
8
P0019-01
EP
ONET4251PA
SLLS663A – SEPTEMBER 2005 – REVISED NOVEMBER 2005
The ONET4251PA limiting amplifier is supplied by a single 3.3-V
±10% supply voltage connected to the VCC
pins. This voltage is referred to ground (GND).
An on-chip bandgap voltage circuitry generates a supply voltage independent reference from which all other
internally required voltages and bias currents are derived.
For the ONET4251PA a small footprint 3-mm
× 3-mm 16-pin QFN package, with a lead pitch of 0,5 mm is used.
The pin out is shown in Figure 2.
Figure 2. Pinout of ONET4251PA in a 3 mm x 3 mm 16-Pin QFN Package (Top View)
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NO.
NAME
1, 4, 12
VCC
supply
3.3-V
±10% supply voltage
2
DIN+
analog-in
Non-inverted data input. On-chip 50-
Ω terminated to VCC.
3
DIN-
analog-in
Inverted data input. On-chip 50-
Ω terminated to VCC.
5
TH
analog-in
LOS threshold adjustment with resistor to GND.
6
DISABLE
CMOS-in
Disables CML output stage when set to high level.
7
LOS
CMOS-out
High level indicates that the input signal amplitude is below the programmed threshold level.
8, 16, EP
GND
supply
Circuit ground. Exposed die pad (EP) must be grounded.
Output data signal polarity select (internally pulled high). Setting to a high level or leaving the pin
9
OUTPOL
CMOS-in
open selects normal polarity. Low level selects inverted polarity.
10
DOUT-
CML-out
Inverted data output. On-chip 50-
Ω back-terminated to VCC.
11
DOUT+
CML-out
Non-inverted data output. On-chip 50-
Ω back-terminated to VCC
3


Similar Part No. - ONET4251PARGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGER TI-ONET4201LDRGER Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGERG4 TI-ONET4201LDRGERG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGET TI-ONET4201LDRGET Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGETG4 TI-ONET4201LDRGETG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results

Similar Description - ONET4251PARGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com