Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4251PA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4251PA
Description  1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4251PA Datasheet(HTML) 9 Page - Texas Instruments

Back Button ONET4251PA Datasheet HTML 5Page - Texas Instruments ONET4251PA Datasheet HTML 6Page - Texas Instruments ONET4251PA Datasheet HTML 7Page - Texas Instruments ONET4251PA Datasheet HTML 8Page - Texas Instruments ONET4251PA Datasheet HTML 9Page - Texas Instruments ONET4251PA Datasheet HTML 10Page - Texas Instruments ONET4251PA Datasheet HTML 11Page - Texas Instruments ONET4251PA Datasheet HTML 12Page - Texas Instruments ONET4251PA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
VCC
DIN+
DIN−
DISABLE
LOS
DOUT−
DOUT+
DIN+
DIN−
DOUT−
DOUT+
VCC
OUTPOL
VCC
VCC
ONET4251PA
16-Pin QFN
OUTPOL
RSSI
COC
Optional
C1
C2
C3
C4
RTH
S0072-01
Optional connection
for squelch function
ONET4251PA
SLLS663A – SEPTEMBER 2005 – REVISED NOVEMBER 2005
Figure 15 shows the ONET4251PA connected with an ac-coupled interface to the data signal source as well as
to the output load.
Besides the ac-coupling capacitors C1 through C4 in the input and output data signal lines, the only required
external component is the LOS threshold setting resistor RTH. In addition, if a low cutoff frequency is required, as
an option, an external filter capacitor COC may be used.
Figure 15. Basic Application Circuit With AC Coupled I/Os
9


Similar Part No. - ONET4251PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGER TI-ONET4201LDRGER Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGERG4 TI-ONET4201LDRGERG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGET TI-ONET4201LDRGET Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGETG4 TI-ONET4201LDRGETG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results

Similar Description - ONET4251PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com