Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX13041 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX13041
Description  Â±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13041 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13041 Datasheet HTML 1Page - Maxim Integrated Products MAX13041 Datasheet HTML 2Page - Maxim Integrated Products MAX13041 Datasheet HTML 3Page - Maxim Integrated Products MAX13041 Datasheet HTML 4Page - Maxim Integrated Products MAX13041 Datasheet HTML 5Page - Maxim Integrated Products MAX13041 Datasheet HTML 6Page - Maxim Integrated Products MAX13041 Datasheet HTML 7Page - Maxim Integrated Products MAX13041 Datasheet HTML 8Page - Maxim Integrated Products MAX13041 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
±80V Fault-Protected High-Speed CAN Transceiver
with Low-Power Management and Wake-On CAN
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.75V to +5.25V, VI/O = +2.8V to VCC, VBAT = +5V to +76V, TA = TMIN to TMAX, RL = 60Ω, unless otherwise noted. Typical
values are at VCC = +5V, VI/O = +3.3V, VBAT = +12V and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BUS LINES (CANH AND CANL)
CANH
3.00
3.7
4.25
Dominant Output Voltage
VO(DOM)
VTXD = 0V
CANL
0.50
1.3
1.75
V
VTXD = 0V, 45
Ω < RL < 65Ω
1.50
3.0
V
Differential Bus Output Voltage
(VCANH - VCANL)
VO(DIF)(BUS)
VTXD = VI/O, no load
-50
+50
mV
Normal or PWON/listen-only mode;
VTXD = VI/O, no load
2
2.4
3
V
Recessive Output Voltage
VO(RECES)
Standby or sleep mode, no load
-0.1
0
+0.1
V
CANH, VCANH = -5V
-45
66
-95
Short-Circuit Current
IO(SC)
VTXD = 0V
CANL, VCANL = +40V
(Note 3)
45
70
100
mA
Detectable Short-Circuit
Resistance Among Bus Lines
VBAT, VCC, and GND
RSC(BUS)
Normal mode
0
50
Ω
Recessive Output Current
IO(RECES)
-40V < VCANH, VCANL < +40V
-3.1
+3.1
mA
-12V < VCANH, VCANL < +12V,
normal or PWON/listen-only mode
0.5
0.7
0.9
V
Differential Receiver Threshold
Voltage
VDIF(TH)
-12V < VCANH, VCANL < +12V,
standby or sleep mode
0.50
0.76
1.15
V
Differential Receiver Hysteresis
Voltage
VHYS(DIF)
Normal or PWON/listen-only mode
-12V < VCANH; VCANL < +12V
60
mV
Input Leakage Current
ILI
VCC = 0V; VCANH = VCANL = +5V
200
280
µA
Common-Mode Input Resistance
RI(CM)
Standby or normal mode (Note 4)
15
25
35
k
Ω
Common-Mode Input Resistance
Matching
RI(CM)(M)
VCANH = VCANL
-3
0
+3
%
Differential Input Resistance
RI(DIF)
Standby or normal mode
25
50
75
k
Ω
Common-Mode Input
Capacitance
CI(CM)
VTXD = VCC
20
pF
Differential Input Capacitance
CI(DIF)
VTXD = VCC
10
pF
ESD Protection
Human Body Model (HBM)
±12
kV
COMMON-MODE STABILIZATION (SPLIT)
Output Voltage
VO
Normal or PWON/listen-only mode
-500µA < ISPLIT < +500µA
0.3
VCC
0.5
VCC
0.7
VCC
V
Leakage Current
| IL |
Standby or sleep mode
-40V < VSPLIT < +40V
05
µA
THERMAL PROTECTION
Thermal Shutdown Threshold
TJ(SD)
165
°C
Thermal Shutdown Hysteresis
TJ(SD)HYST
10
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn