Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDT386DGG Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDT386DGG
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDT386DGG Datasheet(HTML) 4 Page - Texas Instruments

  SN75LVDT386DGG Datasheet HTML 1Page - Texas Instruments SN75LVDT386DGG Datasheet HTML 2Page - Texas Instruments SN75LVDT386DGG Datasheet HTML 3Page - Texas Instruments SN75LVDT386DGG Datasheet HTML 4Page - Texas Instruments SN75LVDT386DGG Datasheet HTML 5Page - Texas Instruments SN75LVDT386DGG Datasheet HTML 6Page - Texas Instruments SN75LVDT386DGG Datasheet HTML 7Page - Texas Instruments SN75LVDT386DGG Datasheet HTML 8Page - Texas Instruments SN75LVDT386DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
|V
ID
|
2
2.4 *
|V
ID
|
2
SN65LVDS386/388A/390,, SN65LVDT386/388A/390
SN75LVDS386/388A/390, SN75LVDT386/388A/390
SLLS394H – SEPTEMBER 1999 – REVISED MAY 2007
over operating free-air temperature (unless otherwise noted) (1)
UNITS
VCC(2)
Supply voltage range
–0.5 V to 4 V
VI
Voltage range:
Enables or Y
–0.5 V to 6 V
A or B
–0.5 V to 4 V
IO
Output current
Y
±12 mA
|VID|
Differential input voltage magnitude
SN65LVDT' or SN75LVDT' only
1 V
Electrostatic discharge: see (3)
SN65' (A, B, and GND)
Class 3, A:15 kV, B: 400 V
SN75' (A, B, and GND)
Class 2, A:4 kV, B: 400 V
Continuous power dissipation
See Dissipation Rating Table
Tstg
Storage temperature range
–65°C to 150°C
Lead temperature 1,6 mm (1/16 in) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with MIL-STD-883C Method 3015.7.
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
PACKAGE
TA ≤ 25°C
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
950 mW
7.6 mW/
°C
608 mW
494 mW
DBT
1071 mW
8.5 mW/
°C
688 mW
556 mW
DGG
2094 mW
16.7 mW/
°C
1342 mW
1089 mW
PW
774 mW
6.2 mW/
°C
496 mW
402 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted (low-k) and with no air flow.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IO
Output current
Y
– 8
8
mA
|VID|
Magnitude of differential input voltage
0.1
0.6
V
VIC
Common-mode input voltage, See Figure 4
V
VCC – 0.8
SN75'
0
70
°C
TA
Operating free-air temperature
SN65'
–40
85
°C
4
Submit Documentation Feedback


Similar Part No. - SN75LVDT386DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGG TI-SN75LVDT386DGG Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGGG4 TI-SN75LVDT386DGGG4 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT386DGGR TI-SN75LVDT386DGGR Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDT386DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com