Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS386DGG Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS386DGG
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS386DGG Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS386DGG Datasheet HTML 7Page - Texas Instruments SN65LVDS386DGG Datasheet HTML 8Page - Texas Instruments SN65LVDS386DGG Datasheet HTML 9Page - Texas Instruments SN65LVDS386DGG Datasheet HTML 10Page - Texas Instruments SN65LVDS386DGG Datasheet HTML 11Page - Texas Instruments SN65LVDS386DGG Datasheet HTML 12Page - Texas Instruments SN65LVDS386DGG Datasheet HTML 13Page - Texas Instruments SN65LVDS386DGG Datasheet HTML 14Page - Texas Instruments SN65LVDS386DGG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
Host
Controller
TX Clock
LVDS Drivers
Target
Controller
Target
Indicates twisting of the
conductors.
T
T
T
T
T
Indicates the line termination
circuit.
Host
Balanced Interconnect
Power
Power
DB0
DB1
DB2
DBn–3
T
T
T
T
DBn–2
DBn–1
DBn
RX Clock
DB0
DB1
DB2
DBn–3
DBn–2
DBn–1
DBn
LVDx368, LVDx388
LVDx388A, or LVDx390
ANALOG AND DIGITAL GROUNDS/POWER SUPPLIES
FAIL SAFE
SN65LVDS386/388A/390,, SN65LVDT386/388A/390
SN75LVDS386/388A/390, SN75LVDT386/388A/390
SLLS394H – SEPTEMBER 1999 – REVISED MAY 2007
Figure 12. Typical Application Schematic
Although it is not necessary to separate out the analog/digital supplies and grounds on the SN65LVDS/T388A
and SN75LVDS/T388A, the pinout provides the user that option. To help minimize or perhaps eliminate
switching noise being coupled between the two supplies, the user could lay out separate supply and ground
planes for the designated pinout.
Most applications probably have all grounds connected together and all power supplies connected together. This
configuration was used while characterizing and setting the data-sheet parameters.
One of the most common problems with differential signaling applications is how the system responds when no
differential voltage is present on the signal pair. The LVDS receiver is like most differential line receivers, in that
its output logic state can be indeterminate when the differential input voltage is between –100 mV and 100 mV,
and within its recommended input common-mode voltage range. TI's LVDS receiver is different in how it handles
the open-input circuit situation, however.
Open-circuit means that there is little or no input current to the receiver from the data line itself. This could be
when the driver is in a high-impedance state or the cable is disconnected. When this occurs, the LVDS receiver
pulls each line of the signal pair to near VCC through 300-kΩ resistors, as shown in Figure 13. The fail-safe
feature uses an AND gate with input voltage thresholds at about 2.3 V to detect this condition and force the
output to a high-level, regardless of the differential input voltage.
11
Submit Documentation Feedback


Similar Part No. - SN65LVDS386DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS386DGG TI-SN65LVDS386DGG Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS386DGG TI-SN65LVDS386DGG Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS386DGG TI-SN65LVDS386DGG Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS386DGGG4 TI-SN65LVDS386DGGG4 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS386DGGR TI-SN65LVDS386DGGR Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDS386DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com