Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS169BDE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ALS169BDE4
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS169BDE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALS169BDE4 Datasheet HTML 2Page - Texas Instruments SN74ALS169BDE4 Datasheet HTML 3Page - Texas Instruments SN74ALS169BDE4 Datasheet HTML 4Page - Texas Instruments SN74ALS169BDE4 Datasheet HTML 5Page - Texas Instruments SN74ALS169BDE4 Datasheet HTML 6Page - Texas Instruments SN74ALS169BDE4 Datasheet HTML 7Page - Texas Instruments SN74ALS169BDE4 Datasheet HTML 8Page - Texas Instruments SN74ALS169BDE4 Datasheet HTML 9Page - Texas Instruments SN74ALS169BDE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN54ALS169B, SN54AS169A, SN74ALS169B, SN74AS169A
SYNCHRONOUS 4BIT UP/DOWN BINARY COUNTERS
SDAS125B − MARCH 1984 − REVISED DECEMBER 1994
2−6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS169B
SN74ALS169B
UNIT
MIN
MAX
MIN
MAX
fmax
22
40
MHz
tPLH
CLK
RCO
3
20
3
20
ns
tPHL
CLK
RCO
6
25
6
20
ns
tPLH
CLK
Any Q
2
20
2
15
ns
tPHL
CLK
Any Q
5
23
5
20
ns
tPLH
ENT
RCO
2
16
2
13
ns
tPHL
ENT
RCO
3
24
3
16
ns
tPLH
U/D
RCO
4
22
5
19
ns
tPHL
U/D
RCO
5
26
5
19
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54AS169A
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS169A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54AS169A
SN74AS169A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
−2
−2
mA
IOL
Low-level output current
20
20
mA
fclock*
Clock frequency
0
60
0
75
MHz
tw*
Pulse duration, CLK high or low
7.7
6.7
ns
A, B, C, or D
10
8
tsu*
Setup time before CLK
ENP or ENT
10
8
ns
tsu*
Setup time before CLK
LOAD
10
8
ns
U/D
14
11
th*
Hold time, data after CLK
2
0
ns
TA
Operating free-air temperature
−55
125
0
70
°C
* On products compliant to MIL-STD-883, Class B, this parameter is based on characterization data but is not production tested.


Similar Part No. - SN74ALS169BDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS169BDE4 TI-SN74ALS169BDE4 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN74ALS169BDE4 TI1-SN74ALS169BDE4 Datasheet
858Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results

Similar Description - SN74ALS169BDE4

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com