Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC176 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC176
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC176 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC176 Datasheet HTML 3Page - Texas Instruments SN75LBC176 Datasheet HTML 4Page - Texas Instruments SN75LBC176 Datasheet HTML 5Page - Texas Instruments SN75LBC176 Datasheet HTML 6Page - Texas Instruments SN75LBC176 Datasheet HTML 7Page - Texas Instruments SN75LBC176 Datasheet HTML 8Page - Texas Instruments SN75LBC176 Datasheet HTML 9Page - Texas Instruments SN75LBC176 Datasheet HTML 10Page - Texas Instruments SN75LBC176 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN55LBC176, SN65LBC176, SN65LBC176Q, SN75LBC176
DIFFERENTIAL BUS TRANSCEIVERS
SLLS067G − AUGUST 1990 − REVISED APRIL 2006
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold
voltage
VO = 2.7 V,
IO = − 0.4 mA
0.2
V
VIT −
Negative-going input threshold
voltage
VO = 0.5 V,
IO = 8 mA
− 0.2‡
V
Vhys
Hysteresis voltage (VIT + − VIT −)
(see Figure 4)
50
mV
VIK
Enable-input clamp voltage
II = − 18 mA
−1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = − 400 µA,
2.7
V
VOH
High-level output voltage
VID = 200 mV,
See Figure 6
IOH = − 400 µA,
2.7
V
VOL
Low-level output voltage
VID = −200 mV,
IOL = 8 mA,
0.45
V
VOL
Low-level output voltage
VID = −200 mV,
See Figure 6
IOL = 8 mA,
0.45
V
IOZ
High-impedance-state output
current
VO = 0.4 V to 2.4 V
−20
20
µA
II
Line input current
Other input = 0 V,
VI = 12 V
1
mA
II
Line input current
Other input = 0 V,
See Note 5
VI = − 7 V
−0.8
mA
IIH
High-level enable-input current
VIH = 2.7 V
−100
µA
IIL
Low-level enable-input current
VIL = 0.4 V
−100
µA
rI
Input resistance
12
k
Receiver enabled
and driver disabled
3.9
mA
ICC
Supply current
VI = 0 or VCC,
No load
Receiver and
SN55LBC176,
SN65LBC176,
0.25
ICC
Supply current
No load
Receiver and
driver disabled
SN65LBC176,
SN65LBC176Q
0.25
mA
driver disabled
SN75LBC176
0.2
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet.
NOTE 5: This applies for both power on and power off. Refer to ANSI Standard RS-485 for exact conditions.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 15 pF
PARAMETER
TEST CONDITIONS
SN55LBC176
SN65LBC176Q
SN65LBC176
SN75LBC176
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high-level
single-ended output
VID = − 1.5 V to 1.5 V,
11
37
11
33
ns
tPHL
Propagation delay time, high- to low-level
single-ended output
VID = − 1.5 V to 1.5 V,
See Figure 7
11
37
11
33
ns
tsk(p)
Pulse skew ( | tPLH − tPHL |)
10
3
6
ns
tPZH
Output enable time to high level
See Figure 8
35
35
ns
tPZL
Output enable time to low level
See Figure 8
35
30
ns
tPHZ
Output disable time from high level
See Figure 8
35
35
ns
tPLZ
Output disable time from low level
See Figure 8
35
30
ns
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - SN75LBC176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC176 TI-SN75LBC176 Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176A TI-SN75LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176A TI-SN75LBC176A Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176A TI-SN75LBC176A Datasheet
519Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75LBC176AD TI-SN75LBC176AD Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75LBC176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com