Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALS169BJ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS169BJ
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS169BJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54ALS169BJ Datasheet HTML 6Page - Texas Instruments SN54ALS169BJ Datasheet HTML 7Page - Texas Instruments SN54ALS169BJ Datasheet HTML 8Page - Texas Instruments SN54ALS169BJ Datasheet HTML 9Page - Texas Instruments SN54ALS169BJ Datasheet HTML 10Page - Texas Instruments SN54ALS169BJ Datasheet HTML 11Page - Texas Instruments SN54ALS169BJ Datasheet HTML 12Page - Texas Instruments SN54ALS169BJ Datasheet HTML 13Page - Texas Instruments SN54ALS169BJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SNJ54AS169AJ
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Similar Part No. - SN54ALS169BJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS169BJ TI-SN54ALS169BJ Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169BJ TI-SN54ALS169BJ Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169BJ TI1-SN54ALS169BJ Datasheet
858Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results

Similar Description - SN54ALS169BJ

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com