Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2045Y-100 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2045Y-100
Description  Single-Piece 1Mb Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2045Y-100 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS2045Y-100 Datasheet HTML 3Page - Dallas Semiconductor DS2045Y-100 Datasheet HTML 4Page - Dallas Semiconductor DS2045Y-100 Datasheet HTML 5Page - Dallas Semiconductor DS2045Y-100 Datasheet HTML 6Page - Dallas Semiconductor DS2045Y-100 Datasheet HTML 7Page - Dallas Semiconductor DS2045Y-100 Datasheet HTML 8Page - Dallas Semiconductor DS2045Y-100 Datasheet HTML 9Page - Dallas Semiconductor DS2045Y-100 Datasheet HTML 10Page - Dallas Semiconductor DS2045Y-100 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS2045Y/AB Single-Piece 1Mb
Nonvolatile SRAM
_____________________________________________________________________
7
SUPPLY CURRENT
vs. OPERATING FREQUENCY
VCC (V)
5.5
5.0
4.5
5
10
15
20
25
0
4.0
6.0
5MHz 100% DUTY CYCLE
5MHz 50% DUTY CYCLE
1MHz 100% DUTY CYCLE
1MHz 50% DUTY CYCLE
TA = +25
°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
5.5
5.0
4.5
160
170
180
190
200
210
220
230
240
250
150
4.0
6.0
TA = +25
°C
BATTERY CHARGER CURRENT
vs. BATTERY VOLTAGE
DELTA BELOW VCHRG (V)
0.6
0.8
0.4
0.2
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0
01.0
VCC = CE = 5.0V
VCHRG = 3.03V
VCHRG PERCENT CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
70
50 60
-10 0 10 20 30 40
-30 -20
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
-40
VCC = 5.0V
VBAT = VCHRG
VTP vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
4.30
4.35
4.40
4.45
4.50
4.55
4.60
4.65
4.70
4.75
4.25
-40
DS2045AB
DS2045Y
DQ VOH vs. DQ IOH
IOH (mA)
-1
-2
-3
-4
3.7
3.9
4.1
4.3
4.5
4.7
4.9
3.5
-5
0
VCC = 4.5V
DQ VOL vs. DQ IOL
IOL (mA)
4.5
4.0
0.5 1.0 1.5
2.5 3.0
2.0
3.5
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
05.0
VCC = 4.5V
RST OUTPUT-VOLTAGE LOW
vs. OUTPUT-CURRENT LOW
IOL (mA)
15
10
5
0.1
0.2
0.3
0.4
0.5
0
020
VCC = 4.25V
RST VOLTAGE
vs. VCC DURING POWER-UP
VCC POWER-UP (V)
5.0
4.5
3.5 4.0
1.0 1.5 2.0 2.5 3.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
05.5
DS2045AB
TA = +25
°C
Typical Operating Characteristics
(VCC = +5.0V, TA = +25
°C, unless otherwise noted.)


Similar Part No. - DS2045Y-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2045Y-100# MAXIM-DS2045Y-100# Datasheet
222Kb / 12P
   DS2045Y/AB Single-Piece 1Mb Nonvolatile SRAM
Rev 4; 10/06
More results

Similar Description - DS2045Y-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2045W MAXIM-DS2045W Datasheet
192Kb / 12P
   3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 1; 1/05
DS2045L MAXIM-DS2045L Datasheet
180Kb / 12P
   DS2045L 3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 3; 10/06
DS2045AB MAXIM-DS2045AB Datasheet
222Kb / 12P
   DS2045Y/AB Single-Piece 1Mb Nonvolatile SRAM
Rev 4; 10/06
DS3045W MAXIM-DS3045W Datasheet
551Kb / 18P
   3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock
Rev 0; 6/05
DS2030Y MAXIM-DS2030Y Datasheet
430Kb / 12P
   Single-Piece 256kb Nonvolatile SRAM
Rev 2; 1/05
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
   3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2050W MAXIM-DS2050W Datasheet
225Kb / 12P
   DS2050W 3.3V Single-Piece 4Mb Nonvolatile SRAM
Rev 2; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com