Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1202-W25R Datasheet(PDF) 7 Page - Eorex Corporation

Part # EP1202-W25R
Description  250mA Ultra Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1202-W25R Datasheet(HTML) 7 Page - Eorex Corporation

  EP1202-W25R Datasheet HTML 1Page - Eorex Corporation EP1202-W25R Datasheet HTML 2Page - Eorex Corporation EP1202-W25R Datasheet HTML 3Page - Eorex Corporation EP1202-W25R Datasheet HTML 4Page - Eorex Corporation EP1202-W25R Datasheet HTML 5Page - Eorex Corporation EP1202-W25R Datasheet HTML 6Page - Eorex Corporation EP1202-W25R Datasheet HTML 7Page - Eorex Corporation EP1202-W25R Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
eorex
EP1202
Jul. 2006
www.eorex.com
7/8
Marking Information
Appendix
Identification Code
Part Number
VOUT
BH
EP1202
1.5V
BJ
EP1202
1.8V
BK
EP1202
2.5V
BL
EP1202
2.8V
BM
EP1202
3.3V
Date Code Convention
Year
2005 2006 2007 2008 2009 2010 2011 2012 2013 2014
Mark
5
6
7
8
9
0
1
2
3
4
Year
2015 2016 2017 2018 2019 2020 2021 2022 2023 2024
Y
Mark
A
B
C
D
E
F
G
H
J
K
Week
1
2
3
4
5
6
7
8
9
10
Mark
1
2
3
4
5
6
7
8
9
a
Week
11
12
13
14
15
16
17
18
19
20
Mark
b
c
d
e
f
g
h
i
j
k
Week
21
22
23
24
25
26
27
28
29
30
Mark
m
n
p
q
r
s
t
u
v
w
Week
31
32
33
34
35
36
37
38
39
40
Mark
x
y
z
A
B
C
D
E
F
G
Week
41
42
43
44
45
46
47
48
49
50
Mark
H
J
K
L
M
N
P
Q
R
S
Week
51
52
W
Mark
T
U


Similar Part No. - EP1202-W25R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
More results

Similar Description - EP1202-W25R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201_15 Datasheet
392Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
logo
AiT Semiconductor Inc.
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com