Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFV4N150 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STFV4N150
Description  N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFV4N150 Datasheet(HTML) 4 Page - STMicroelectronics

  STFV4N150 Datasheet HTML 1Page - STMicroelectronics STFV4N150 Datasheet HTML 2Page - STMicroelectronics STFV4N150 Datasheet HTML 3Page - STMicroelectronics STFV4N150 Datasheet HTML 4Page - STMicroelectronics STFV4N150 Datasheet HTML 5Page - STMicroelectronics STFV4N150 Datasheet HTML 6Page - STMicroelectronics STFV4N150 Datasheet HTML 7Page - STMicroelectronics STFV4N150 Datasheet HTML 8Page - STMicroelectronics STFV4N150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STFV4N150 - STFW4N150 - STP4N150 - STW4N150
4/16
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown voltage
ID = 1 mA, VGS = 0
1500
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, TC = 125 °C
10
500
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 30 V
± 100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
34
5
V
RDS(on
Static drain-source on
resistance
VGS = 10 V, ID = 2 A
57
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300 µs, duty cycle 1.5%
Forward transconductance
VDS = 30 V, ID = 2 A
3.5
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
1300
120
12
pF
pF
pF
td(on)
Tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 750 V, ID = 2 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 21)
35
30
45
45
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 600 V, ID = 4 A,
VGS = 10 V
(see Figure 22)
30
10
9
50
nC
nC
nC


Similar Part No. - STFV4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFV4N150 STMICROELECTRONICS-STFV4N150 Datasheet
244Kb / 10P
   N-CHANNEL 1500V - 5-ohm - 4A TO-220FH Very High Voltage PowerMESH-TM MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150 Datasheet
249Kb / 13P
   N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
   N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
More results

Similar Description - STFV4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STP4N150 STMICROELECTRONICS-STP4N150_06 Datasheet
365Kb / 14P
   N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 廓 typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
   N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
logo
STMicroelectronics
STP5NK100Z STMICROELECTRONICS-STP5NK100Z_09 Datasheet
462Kb / 15P
   N-channel 1000 V, 2.7 廓, 3.5 A, TO-220, TO-220FP, TO-247 SuperMESH3??Power MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
   N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
   N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
STP11NM80 STMICROELECTRONICS-STP11NM80_10 Datasheet
949Kb / 17P
   N-channel 800 V, 0.35 廓, 11 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
STF34NM60N STMICROELECTRONICS-STF34NM60N Datasheet
941Kb / 17P
   N-channel 600 V, 0.092 廓, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com