Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFV4N150 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STFV4N150
Description  N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFV4N150 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STFV4N150 Datasheet HTML 7Page - STMicroelectronics STFV4N150 Datasheet HTML 8Page - STMicroelectronics STFV4N150 Datasheet HTML 9Page - STMicroelectronics STFV4N150 Datasheet HTML 10Page - STMicroelectronics STFV4N150 Datasheet HTML 11Page - STMicroelectronics STFV4N150 Datasheet HTML 12Page - STMicroelectronics STFV4N150 Datasheet HTML 13Page - STMicroelectronics STFV4N150 Datasheet HTML 14Page - STMicroelectronics STFV4N150 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STFV4N150 - STFW4N150 - STP4N150 - STW4N150
Package mechanical data
11/16
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.48
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116


Similar Part No. - STFV4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFV4N150 STMICROELECTRONICS-STFV4N150 Datasheet
244Kb / 10P
   N-CHANNEL 1500V - 5-ohm - 4A TO-220FH Very High Voltage PowerMESH-TM MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150 Datasheet
249Kb / 13P
   N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
   N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
More results

Similar Description - STFV4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STP4N150 STMICROELECTRONICS-STP4N150_06 Datasheet
365Kb / 14P
   N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 廓 typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
   N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
logo
STMicroelectronics
STP5NK100Z STMICROELECTRONICS-STP5NK100Z_09 Datasheet
462Kb / 15P
   N-channel 1000 V, 2.7 廓, 3.5 A, TO-220, TO-220FP, TO-247 SuperMESH3??Power MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
   N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
   N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
STP11NM80 STMICROELECTRONICS-STP11NM80_10 Datasheet
949Kb / 17P
   N-channel 800 V, 0.35 廓, 11 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
STF34NM60N STMICROELECTRONICS-STF34NM60N Datasheet
941Kb / 17P
   N-channel 600 V, 0.092 廓, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com