Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP129 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP129
Description  DisplayPort to TMDS Translator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP129 Datasheet(HTML) 1 Page - Texas Instruments

  SN75DP129 Datasheet HTML 1Page - Texas Instruments SN75DP129 Datasheet HTML 2Page - Texas Instruments SN75DP129 Datasheet HTML 3Page - Texas Instruments SN75DP129 Datasheet HTML 4Page - Texas Instruments SN75DP129 Datasheet HTML 5Page - Texas Instruments SN75DP129 Datasheet HTML 6Page - Texas Instruments SN75DP129 Datasheet HTML 7Page - Texas Instruments SN75DP129 Datasheet HTML 8Page - Texas Instruments SN75DP129 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
SN75DP129
SLAS583A – JANUARY 2008 – REVISED MARCH 2008
www.ti.com
DisplayPort to TMDS Translator
• Personal Computer Market
• DisplayPort Physical Layer Input Port to TMDS
Physical Layer Output Port
DP/TMDS Hardware Key (Dongle)
Desktop PC
• Integrated TMDS Level Translator With
Receiver Equalization
Notebook PC
Docking Station
• Supports Data Rates up to 2.5 Gbps
Standalone Video Card
• Integrated I2C Logic Block for DVI / HDMI
Connector Recognition
• Integrated Active I2C Buffer
• Enhanced ESD: 12 kV on all Pins
• Enhanced Commercial Temperature Range:
0
°C to 85°C
• 36 Pin 6 × 6 QFN Package
The SN75DP129 is a Dual-Mode DisplayPort input to Transition-Minimized Differential Signaling (TMDS) output.
The TMDS output has a built-in level translator, compliant with Digital Visual Interface 1.0 (DVI) and High
Definition Multimedia Interface 1.3 (HDMI) standards. The SN75DP129 is specified up to a maximum data rate of
2.5 Gbps, supporting resolutions greater then 1920 x 1200 or HDTV 12-bit color depth at 1080p (progressive
scan).
An integrated Active I2C buffer isolates the capacitive loading of the source system from that of the sink and
interconnecting cable. This isolation improves overall signal integrity of the system and provides greater design
margin within the source system for DVI / HDMI compliance testing.
A logic block was designed into the SN75DP129 to assist with TMDS connector identification. Through the use of
the I2C_EN pin, this logic block can be enabled to indicate the translated port is an HDMI port; therefore legally
supporting HDMI content.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75DP129

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP120 TI-SN75DP120 Datasheet
1Mb / 27P
[Old version datasheet]   DisplayPort 1:1 Dual-Mode Repeater
SN75DP120RHHR TI-SN75DP120RHHR Datasheet
1Mb / 27P
[Old version datasheet]   DisplayPort 1:1 Dual-Mode Repeater
SN75DP120RHHT TI-SN75DP120RHHT Datasheet
1Mb / 27P
[Old version datasheet]   DisplayPort 1:1 Dual-Mode Repeater
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results

Similar Description - SN75DP129

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP139 TI1-SN75DP139_15 Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
   Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
logo
Molex Electronics Ltd.
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
   DisplayPort*-to-DisplayPort* Cable Assembly
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
   DisplayPort to DisplayPort Cable - 6ft
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
   Mini DisplayPort to DisplayPort Cable - 6ft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com