Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE840MD7100MD20R06L2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PHE840MD7100MD20R06L2
Description  New, small dimensions including low profile capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE840MD7100MD20R06L2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PHE840MD7100MD20R06L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE840MD7100MD20R06L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE840MD7100MD20R06L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
146
PHE840M
ARTICLE TABLE
Quantity per package
Capaci- Max dimensions
reel
Max
Approvals
tance
in mm
Bulk
Tray
taped
Weight f
0
dU/dt
Article code
µ F
B
H
L
p
pcs
pcs
pcs
g
MHz
V/µs
LEAD SPACING 27.5 MM
0.82
10.5
20.5
31.5
27.5
216
8.0
1.0
100
√√√
PHE840MF6820MF11R06L2
1.0
10.5
20.5
31.5
27.5
216
8.0
1.0
100
√√√
PHE840MZ7100MF11R06L2 *
1.0
11.5
22.5
31.5
27.5
198
9.1
0.95
100
√√√
PHE840MF7100MF12R06L2
1.2
13.5
23.0
31.5
27.5
171
10.8
0.82
100
√√√
PHE840MF7120MF03R06L2
1.5
14.5
24.5
31.5
27.5
153
14.5
0.73
100
√√√
PHE840MF7150MF13R06L2
1.8
17.5
28.0
31.5
27.5
126
17.0
0.65
100
√√√
PHE840MF7180MF14R06L2
2.2
17.5
28.0
31.5
27.5
126
17.0
0.64
100
√√√
PHE840MZ7220MF14R06L2 *
2.2
19.0
29.0
31.5
27.5
117
19.5
0.62
100
√√√
PHE840MF7220MF15R06L2
2.7
19.0
29.0
31.5
27.5
117
19.5
0.58
100
√√√
PHE840MF7270MF15R06L2
3.3
19.0
29.0
31.5
27.5
117
19.5
0.54
100
√√√
PHE840MZ7330MF15R06L2 *
3.3
21.0
30.0
31.5
27.5
108
22.6
0.50
100
√√√
PHE840MF7330MF16R06L2
3.3
31.0
18.5
31.5
27.5
72
20.0
0.50
100
√√√
PHE840MT7330MF18R06L2
LEAD SPACING 37.5 MM
1.8
13.0
24.0
41.0
37.5
140
14.0
0.60
100
√√√
PHE840MR7180MR05R06L2
2.2
13.0
24.0
41.0
37.5
140
14.0
0.58
100
√√√
PHE840MR7220MR05R06L2
2.7
15.0
26.0
41.0
37.5
119
17.0
0.53
100
√√√
PHE840MR7270MR04R06L2
3.3
15.0
26.0
41.0
37.5
119
17.0
0.49
100
√√√
PHE840MR7330MR04R06L2
3.9
16.5
32.0
41.0
37.5
105
23.0
0.46
100
√√√
PHE840MR7390MR02R06L2
4.7
19.0
36.0
41.0
37.5
91
28.5
0.44
100
√√√
PHE840MR7470MR03R06L2
5.6
21.0
38.0
41.0
37.5
84
34.4
0.41
100
√√√
PHE840MR7560MR06R06L2
6.8
21.0
38.0
41.0
37.5
84
34.4
0.39
100
√√√
PHE840MR7680MR06R06L2
8.2
28.0
43.0
41.0
37.5
63
53.0
0.30
100
√√√
PHE840MR7820MR08R06L2
10.0
28.0
43.0
41.0
37.5
63
53.0
0.26
100
√√√
PHE840MR8100MR08R06L2
* Only
± 20% tolerance
APPROVALS/REFERENCE DOCUMENTS
Certification Body
Specification
Approval reference
ENEC
EN 132400
SE/0140-4A
UL
UL 1283
E100117
(U
R = 280 VAC)
UL 1414
E73869
(U
R = 250 VAC)
cUL recognition
C 22.2 No. 8
E100117
(CSA)
(U
R = 280 VAC)
C 22.2 No. 1
E73869
(U
R = 250 VAC)
ORDERING INFORMATION
PACKING
The box dimensions for bulk packaging are
245 x 145 x 80 mm. Quantity/package as
per article table.
Reels with taped capacitors are packed
10 in a box with dimension 370 x 370 x 560
mm. Quantity/reel according to article table.
The standard quantity/reel is for 360 mm
reel. If 500 mm reel is required, it must be
specified when ordering and the quantity is
2 x the given quantity.
MARKING
• RIFA
• RIFA article code
• Rated capacitance
• Capacitance tolerance code
• Rated voltage
• X2
• Approval marks
• Manufacturing date code
• IEC climatic category
• Passive flammability class
The article code for the standard part is given in the article table.
For other options, see page 21.


Similar Part No. - PHE840MD7100MD20R06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE840MD7100MD20R06L2 KEMET-PHE840MD7100MD20R06L2 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MD7100MD20R06L2 KEMET-PHE840MD7100MD20R06L2 Datasheet
354Kb / 2P
   Small dimensions including low profile capacitors
More results

Similar Description - PHE840MD7100MD20R06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE850EA4100MA06R17 KEMET-PHE850EA4100MA06R17 Datasheet
409Kb / 2P
   New, small dimensions including low profile capacitors
PHE840M KEMET-PHE840M Datasheet
354Kb / 2P
   Small dimensions including low profile capacitors
logo
Littelfuse
S2012DRP LITTELFUSE-S2012DRP Datasheet
218Kb / 12P
   New small profile three-leaded Compak package
logo
Willow Technologies Ltd
FPR2-T220 WILLOW-FPR2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Glenair, Inc.
140G104XO-0000 GLENAIR-140G104XO-0000 Datasheet
325Kb / 2P
   Small Low-Profile Box
logo
Bourns Electronic Solut...
CR0402-FX-6342GLF BOURNS-CR0402-FX-6342GLF Datasheet
138Kb / 3P
   Small package dimensions
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP15TP1R0Y A-POWER-AP15TP1R0Y Datasheet
111Kb / 6P
   Small Footprint & Low Profile Package
AP2334GN A-POWER-AP2334GN_16 Datasheet
64Kb / 5P
   Small Footprint & Low Profile Package
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com