Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE840MA5680MA03R17 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PHE840MA5680MA03R17
Description  New, small dimensions including low profile capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE840MA5680MA03R17 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PHE840MA5680MA03R17 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE840MA5680MA03R17 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE840MA5680MA03R17 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
145
PHE840M
ARTICLE TABLE
Quantity per package
Capaci- Max dimensions
reel
Max
Approvals
tance
in mm
Bulk
Tray
taped
Weight f
0
dU/dt
Article code
µ F
B
H
L
p
pcs
pcs
pcs
g
MHz
V/µs
LEAD SPACING 7.5 MM
0.010
4.0
8.0
10.5
7.5
1000
1700
0.5
14
100
√√√
PHE840MK5100MK01R17
0.012
4.0
8.0
10.5
7.5
1000
1700
0.5
13
100
√√√
PHE840MK5120MK01R17
0.015
4.0
8.0
10.5
7.5
1000
1700
0.5
12
100
√√√
PHE840MK5150MK01R17
0.018
5.0
11.0
10.5
7.5
1000
1300
0.8
11
100
√√√
PHE840MK5180MK03R17
0.022
5.0
11.0
10.5
7.5
1000
1300
0.8
10
100
√√√
PHE840MK5220MK03R17
0.027
5.0
11.0
10.5
7.5
1000
1300
0.8
9.5
100
√√√
PHE840MK5270MK03R17
0.033
5.0
11.0
10.5
7.5
1000
1300
0.8
8.8
100
√√√
PHE840MK5330MK03R17
0.039
5.0
11.0
10.5
7.5
1000
1300
0.8
8.3
100
√√√
PHE840MK5390MK03R17
0.047
6.0
12.0
10.5
7.5
1000
1000
1.0
7.5
100
√√√
PHE840MK5470MK04R17
LEAD SPACING 10 MM
0.022
4.0
9.0
13.0
10.0
1000
900
0.7
8.5
100
√√√
PHE840MA5220MA01R17
0.027
4.0
9.0
13.0
10.0
1000
900
0.7
8.0
100
√√√
PHE840MA5270MA01R17
0.033
4.0
9.0
13.0
10.0
1000
900
0.7
7.6
100
√√√
PHE840MA5330MA01R17
0.039
4.5
10.5
13.0
10.0
1000
800
0.9
6.7
100
√√√
PHE840MA5390MA02R17
0.047
4.5
10.5
13.0
10.0
1000
800
0.9
5.9
100
√√√
PHE840MA5470MA02R17
0.056
5.0
11.0
13.0
10.0
800
700
1.0
5.5
100
√√√
PHE840MA5560MA03R17
0.068
5.0
11.0
13.0
10.0
800
700
1.0
4.9
100
√√√
PHE840MA5680MA03R17
0.082
6.0
12.0
13.0
10.0
600
500
1.2
4.4
100
√√√
PHE840MA5820MA04R17
0.10
9.5
7.5
13.0
10.0
600
350
1.2
4.0
100
√√√
PHE840MP6100MA05R17
0.10
6.0
12.0
13.0
10.0
600
500
1.2
4.0
100
√√√
PHE840MA6100MA04R17
LEAD SPACING 15 MM
0.047
5.5
10.5
18.0
15.0
800
600
1.4
5.0
100
√√√
PHE840MB5470MB04R17
0.056
5.5
10.5
18.0
15.0
800
600
1.4
4.6
100
√√√
PHE840MB5560MB04R17
0.068
5.5
10.5
18.0
15.0
800
600
1.4
4.2
100
√√√
PHE840MB5680MB04R17
0.082
5.5
12.5
18.0
15.0
800
600
1.6
3.9
100
√√√
PHE840MB5820MB05R17
0.10
5.5
12.5
18.0
15.0
800
600
1.6
3.7
100
√√√
PHE840MB6100MB05R17
0.12
6.5
12.5
18.0
15.0
600
500
1.9
3.3
100
√√√
PHE840MB6120MB10R17
0.15
6.5
12.5
18.0
15.0
600
500
1.9
2.8
100
√√√
PHE840MB6150MB10R17
0.18
7.5
14.5
18.0
15.0
400
400
2.2
2.7
100
√√√
PHE840MB6180MB06R17
0.22
7.5
14.5
18.0
15.0
400
400
2.2
2.6
100
√√√
PHE840MX6220MB06R17 *
0.22
13.0
12.5
18.0
15.0
300
250
3.4
2.5
100
√√√
PHE840MQ6220MB17R17
0.22
8.0
15.0
18.0
15.0
400
400
2.5
2.5
100
√√√
PHE840MB6220MB12R17
0.27
8.5
16.0
18.0
15.0
400
400
2.9
2.3
100
√√√
PHE840MB6270MB11R17
0.33
8.5
16.0
18.0
15.0
400
400
2.9
2.2
100
√√√
PHE840MX6330MB11R17 *
0.33
13.0
12.5
18.0
15.0
300
250
3.4
2.2
100
√√√
PHE840MH6330MB17R17 *
0.33
9.5
17.5
18.0
15.0
300
350
3.5
2.0
100
√√√
PHE840MB6330MB14R17
0.39
11.0
19.0
18.0
15.0
250
300
4.4
1.9
100
√√√
PHE840MB6390MB16R17
0.47
11.0
19.0
18.0
15.0
250
300
4.4
1.8
100
√√√
PHE840MB6470MB16R17
LEAD SPACING 22.5 MM
0.22
6.5
14.5
26.0
22.5
234
2.7
2.1
100
√√√
PHE840MD6220MD13R06L2
0.27
7.0
16.5
26.0
22.5
216
3.2
1.9
100
√√√
PHE840MD6270MD17R06L2
0.33
7.0
16.5
26.0
22.5
216
3.2
1.8
100
√√√
PHE840MD6330MD17R06L2
0.39
8.0
16.0
26.0
22.5
186
3.8
1.7
100
√√√
PHE840MD6390MD14R06L2
0.47
8.0
16.0
26.0
22.5
186
3.8
1.6
100
√√√
PHE840MY6470MD14R06L2 *
0.47
9.0
18.5
26.0
22.5
168
5.0
1.5
100
√√√
PHE840MD6470MD15R06L2
0.56
9.0
18.5
26.0
22.5
168
5.0
1.4
100
√√√
PHE840MD6560MD15R06L2
0.68
9.0
18.5
26.0
22.5
168
5.0
1.3
100
√√√
PHE840MY6680MD15R06L2 *
0.68
10.5
19.0
26.0
22.5
264
5.8
1.2
100
√√√
PHE840MD6680MD18R06L2
0.82
11.0
21.5
26.0
22.5
253
6.6
1.1
100
√√√
PHE840MD6820MD16R06L2
1.0
11.0
21.5
26.0
22.5
253
6.6
1.1
100
√√√
PHE840MY7100MD16R06L2 *
1.0
13.5
23.0
26.0
22.5
209
8.2
1.0
100
√√√
PHE840MD7100MD20R06L2
1.2
15.5
24.5
26.0
22.5
176
10.0
0.90
100
√√√
PHE840MD7120MD19R06L2
1.5
15.5
24.5
26.0
22.5
176
10.0
0.85
100
√√√
PHE840MD7150MD19R06L2
* Only
± 20% tolerance


Similar Part No. - PHE840MA5680MA03R17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE840MA5680MA03R17 KEMET-PHE840MA5680MA03R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MA5680MA03R17 KEMET-PHE840MA5680MA03R17 Datasheet
354Kb / 2P
   Small dimensions including low profile capacitors
More results

Similar Description - PHE840MA5680MA03R17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE850EA4100MA06R17 KEMET-PHE850EA4100MA06R17 Datasheet
409Kb / 2P
   New, small dimensions including low profile capacitors
PHE840M KEMET-PHE840M Datasheet
354Kb / 2P
   Small dimensions including low profile capacitors
logo
Littelfuse
S2012DRP LITTELFUSE-S2012DRP Datasheet
218Kb / 12P
   New small profile three-leaded Compak package
logo
Willow Technologies Ltd
FPR2-T220 WILLOW-FPR2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Glenair, Inc.
140G104XO-0000 GLENAIR-140G104XO-0000 Datasheet
325Kb / 2P
   Small Low-Profile Box
logo
Bourns Electronic Solut...
CR0402-FX-6342GLF BOURNS-CR0402-FX-6342GLF Datasheet
138Kb / 3P
   Small package dimensions
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP15TP1R0Y A-POWER-AP15TP1R0Y Datasheet
111Kb / 6P
   Small Footprint & Low Profile Package
AP2334GN A-POWER-AP2334GN_16 Datasheet
64Kb / 5P
   Small Footprint & Low Profile Package
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com