Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK150N15P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFK150N15P
Description  PolarHT??HiPerFET Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK150N15P Datasheet(HTML) 4 Page - IXYS Corporation

  IXFK150N15P Datasheet HTML 1Page - IXYS Corporation IXFK150N15P Datasheet HTML 2Page - IXYS Corporation IXFK150N15P Datasheet HTML 3Page - IXYS Corporation IXFK150N15P Datasheet HTML 4Page - IXYS Corporation IXFK150N15P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXFH 150N15P
IXFK 150N15P
Fig. 11. Capacitance
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
VDS - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100 120 140 160 180 200
Q G - nanoCoulombs
V
DS = 75V
I
D = 75A
I
G = 10mA
Fig. 7. Input Adm ittance
0
25
50
75
100
125
150
175
200
225
250
44.5
55.5
66.5
77.5
88.5
VG S - Volts
T
J = 150ºC
25
ºC
-40
ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100 125 150 175 200 225 250
I D - Amperes
T
J = -40ºC
25
ºC
150
ºC
Fig. 9. Source Curre nt vs.
Source -To-Drain Voltage
0
50
100
150
200
250
300
350
0.4
0.6
0.8
1
1.2
1.4
1.6
VS D - Volts
T
J = 150ºC
T
J = 25ºC
Fig. 12. Forw ard-Bias
Safe Operating Are a
10
100
1000
10
100
1000
VD S - Volts
100µs
1ms
DC
T
J = 175ºC
T
C = 25ºC
R
DS(on) Limit
10ms
25µs


Similar Part No. - IXFK150N15P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK150N15 IXYS-IXFK150N15 Datasheet
47Kb / 2P
   HiPerFET Power MOSFETs
More results

Similar Description - IXFK150N15P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH52N30P IXYS-IXFH52N30P Datasheet
190Kb / 5P
   PolarHT Power MOSFET HiPerFET
IXFC52N30P IXYS-IXFC52N30P_08 Datasheet
151Kb / 5P
   PolarHT Power MOSFET HiPerFET
IXFH110N10P IXYS-IXFH110N10P Datasheet
314Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFN180N15P IXYS-IXFN180N15P Datasheet
151Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFK102N30P IXYS-IXFK102N30P Datasheet
138Kb / 2P
   PolarHT HiPerFET Power MOSFET
IXFN140N20P IXYS-IXFN140N20P Datasheet
98Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFH96N20P IXYS-IXFH96N20P Datasheet
231Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFK140N20P IXYS-IXFK140N20P Datasheet
231Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFR102N30P IXYS-IXFR102N30P Datasheet
157Kb / 5P
   PolarHT HiPerFET Power MOSFET
IXFH74N20P IXYS-IXFH74N20P Datasheet
706Kb / 5P
   PolarHT HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com