Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-PD01 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXHL-PD01
Description  power light source LUXEON짰 Emitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-PD01 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LXHL-PD01 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-PD01 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-PD01 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-PD01 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-PD01 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-PD01 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-PD01 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-PD01 Datasheet HTML 9Page - Lumileds Lighting Company LXHL-PD01 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
LUXEON Emitter DS25 (5/07)
Notes: (for Tables 2 & 3) Continued
9. CRI (Color Rendering Index) for White product types is 70. CRI for Warm White product type is 90 with typical R
9 value
of 70.
10.All red, redorange and amber products built with Aluminum Indium Gallium Phosphide (AlInGaP).
11.All white, warm white, green, cyan, blue and royal blue products built with Indium Gallium Nitride (InGaN).
12.Blue and Royal Blue power light sources represented here are IEC825 Class 2 for eye safety.
Electrical Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 4.
T
Te
em
mp
pe
erra
attu
urre
e
C
Co
oe
effffiic
ciie
en
ntt o
off
T
Th
he
errm
ma
all
F
Fo
orrw
wa
arrd
d
R
Re
es
siis
stta
an
nc
ce
e,,
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
VFF [[11]]
D
Dy
yn
na
am
miic
c
V
Vo
olltta
ag
ge
e [3]
J
Ju
un
nc
cttiio
on
n
R
Ra
ad
diia
attiio
on
n
((V
V))
R
Re
es
siis
stta
an
nc
ce
e [2]
((m
mV
V//ooC
C))
tto
o C
Ca
as
se
e
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
((Ω
Ω)) R
R
D
D
ΔΔVV
F
F /
/
ΔΔTT
J
J
((ooC
C//W
W)) R
R
θθ
J
J C
C
White
2.79
3.42
3.99
1.0
2.0
15
Warm White
2.79
3.42
3.99
1.0
2.0
15
Green
2.79
3.42
3.99
1.0
2.0
15
Cyan
2.79
3.42
3.99
1.0
2.0
15
Blue
2.79
3.42
3.99
1.0
2.0
15
Batwing
Royal Blue
2.79
3.42
3.99
1.0
2.0
15
Red (BD01)
2.31
2.85
3.27
2.4
2.0
15
Red (BD03)
2.31
2.95
3.51
2.4
2.0
18
RedOrange
2.31
2.95
3.51
2.4
2.0
18
Amber (BL01)
2.31
2.85
3.27
2.4
2.0
15
Amber (BL03)
2.31
2.95
3.51
2.4
2.0
18
White
2.79
3.42
3.99
1.0
2.0
15
Green
2.79
3.42
3.99
1.0
2.0
15
Cyan
2.79
3.42
3.99
1.0
2.0
15
Lambertian
Blue
2.79
3.42
3.99
1.0
2.0
15
Royal Blue
2.79
3.42
3.99
1.0
2.0
15
Red
2.31
2.95
3.51
2.4
2.0
18
RedOrange
2.31
2.95
3.51
2.4
2.0
18
Amber
2.31
2.95
3.51
2.4
2.0
18
White
2.79
3.42
3.99
1.0
2.0
15
Green
2.79
3.42
3.99
1.0
2.0
15
Cyan
2.79
3.42
3.99
1.0
2.0
15
Side Emitting
Blue
2.79
3.42
3.99
1.0
2.0
15
Royal Blue
2.79
3.42
3.99
1.0
2.0
15
Red
2.31
2.95
3.51
2.4
2.0
18
RedOrange
2.31
2.95
3.51
2.4
2.0
18
Amber
2.31
2.95
3.51
2.4
2.0
18
Notes for Table 4:
1.
Philips Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements.
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See Figures 3a and 3b. Measured
between 25°C
≤ T
J ≤ 110°C at I
F = 350mA.


Similar Part No. - LXHL-PD01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-PD01 ETC-LXHL-PD01 Datasheet
579Kb / 18P
   Luxeon Emitter
More results

Similar Description - LXHL-PD01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
DS49 LUMILEDS-DS49 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com