Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-BM01-00F Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # LXHL-BM01-00F
Description  power light source Luxeon Emitter Option Code Selections
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-BM01-00F Datasheet(HTML) 2 Page - Lumileds Lighting Company

  LXHL-BM01-00F Datasheet HTML 1Page - Lumileds Lighting Company LXHL-BM01-00F Datasheet HTML 2Page - Lumileds Lighting Company LXHL-BM01-00F Datasheet HTML 3Page - Lumileds Lighting Company LXHL-BM01-00F Datasheet HTML 4Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Luxeon Emitter Option Code Selections DS25A (4/05)
2
Luxeon White Option Codes
Table 1.
Color
Luxeon Emitter
White Color Bins
Radiation Pattern
White
LXHLBW0200F
V1, V0, X1, W0, X0
White
LXHLBW0200J
YA, Y0, WA, W0, X0
Batwing
White
LXHLBW0200M
WA, X1, W0, X0
White
LXHLPW0100F
V1, V0, X1, W0, X0
White
LXHLPW0100J
YA, Y0, WA, W0, X0
Lambertian
White
LXHLPW0100M
WA, X1, W0, X0
White
LXHLDW0100F
V1, V0, X1, W0, X0
White
LXHLDW0100J
YA, Y0, WA, W0, X0
Side Emitting
White
LXHLDW0100M
WA, X1, W0, X0
Flux Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 2.
M
Miin
niim
mu
um
m
L
Lu
um
miin
no
ou
us
s F
Fllu
ux
x ((llm
m))
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
L
Lu
ux
xe
eo
on
n Emitter
Φ
ΦVV [1,2]
P
Pa
atttte
errn
n
Red
LXHLBD01P00
23.5
Batwing
Amber
LXHLBL01N00
18.1
RedOrange
LXHLPH01S00
51.7
Lambertian
Amber
LXHLPL01Q00
30.6
Color Selection Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 3.
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [4]
λλD
D
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
L
Lu
ux
xe
eo
on
n Emitter
M
Miin
n..
M
Ma
ax
x..
P
Pa
atttte
errn
n
Green
LXHLBM0100F
520 nm
535 nm
Cyan
LXHLBE0100G
495 nm
510 nm
Cyan
LXHLBE0100H
500 nm
515 nm
Batwing
Blue
LXHLBB0100F
460 nm
475 nm
Amber
LXHLBL0100G
587.0 nm
594.5 nm
Amber
LXHLBL0100H
589.5 nm
597.0 nm
Green
LXHLPM0100F
520 nm
535 nm
Cyan
LXHLPE0100G
495 nm
510 nm
Cyan
LXHLPE0100H
500 nm
515 nm
Lambertian
Blue
LXHLPB0100F
460 nm
475 nm
Amber
LXHLPL0100G
587.0 nm
594.5 nm
Amber
LXHLPL0100H
589.5 nm
597.0 nm


Similar Part No. - LXHL-BM01-00F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-BM01 ETC-LXHL-BM01 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-BM01 LUMILEDS-LXHL-BM01 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
More results

Similar Description - LXHL-BM01-00F

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com