Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-MMCA Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXHL-MMCA
Description  power light source Luxeon Flood
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-MMCA Datasheet(HTML) 7 Page - Lumileds Lighting Company

  LXHL-MMCA Datasheet HTML 1Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 2Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 3Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 4Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 5Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 6Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 7Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 8Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Luxeon Flood
7
Document #: DS24 (10/05)
Representative Spatial Radiation Pattern
Average Lumen Maintenance Characteristics
Lifetime for solidstate lighting devices (LEDs) is typically defined in terms of
lumen maintenance—the percentage of initial light output remaining after a
specified period of time. Lumileds projects that Luxeon products will deliver on
average 70% lumen maintenance at 50,000 hours of operation. This
performance is based on independent test data, Lumileds historical data from
tests run on similar material systems, and internal Luxeon reliability testing. This
projection is based on constant current 350 mA operation per LED (700 mA 12
Up Flood, 1050 mA for 18Up Flood) with junction temperature maintained at or
below 90
°C. Observation of design limits included in this data sheet is required
in order to achieve this projected lumen maintenance.
0
10
20
30
40
50
60
70
80
90
100
-100 -80 -60 -40 -20
0
20
40
60
80 100
Angular Displacement (Degrees)
Batwing Radiation Pattern (without optics)
Figure 7a. Representative Spatial
Radiation Pattern per Luxeon
emitter White.
Figure 7b. Representative Spatial Radiation
Pattern per Luxeon emitter for Red, Amber,
Green, Cyan and Blue.
Lambertian Radiation Pattern
Figure 8. Representative Spatial Radiation Pattern
per Luxeon emitter for Red and Amber.
Note:
For more detailed technical information
regarding Luxeon radiation patterns,
please consult your Lumileds Authorized
Distributor or Lumileds sales representative.
0
10
20
30
40
50
60
70
80
90
100
-100 -80 -60 -40 -20
0
20
40
60
80
100
Angular Displacement (Degrees)
0
10
20
30
40
50
60
70
80
90
100
-100 -80 -60 -40 -20
0
20
40
60
80 100
A ngular Displacement (Degrees)
Typical Upper B ound
TypicalLo wer B o und


Similar Part No. - LXHL-MMCA

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-MM1C-00F LUMILEDS-LXHL-MM1C-00F Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-MM1D-00F LUMILEDS-LXHL-MM1D-00F Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
More results

Similar Description - LXHL-MMCA

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-100WDF-YHA-CW PARALIGHT-PARA-SPL-100WDF-YHA-CW Datasheet
206Kb / 4P
   100W Flood Light
logo
A-BRIGHT Inc
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
   LED Flood Light
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-200WDF-YFA-CW PARALIGHT-PARA-SPL-200WDF-YFA-CW Datasheet
219Kb / 4P
   200W Flood Light
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com