Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-MMCA Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXHL-MMCA
Description  power light source Luxeon Flood
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-MMCA Datasheet(HTML) 6 Page - Lumileds Lighting Company

  LXHL-MMCA Datasheet HTML 1Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 2Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 3Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 4Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 5Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 6Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 7Page - Lumileds Lighting Company LXHL-MMCA Datasheet HTML 8Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Luxeon Flood
6
Document #: DS24 (10/05)
Forward Current Characteristics, T
J = 25
oC
0
50
100
150
200
250
300
350
400
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
F - Forw ard V oltage (V olts )
0
3
6
9 12 15 18 21 24
800
700
600
500
400
300
200
100
1200
1050
900
750
600
450
300
150
12-Up
18-Up
Figure 3a. Forward Current vs. Forward Voltage
for White, Green, Cyan and Blue.
Figure 3b. Forward Current vs. Forward Voltage
for Red and Amber.
Figure 4a. Relative Luminous Flux vs. Forward
Current for White, Green, Cyan and Blue at
TJ = 25
oC maintained.
Figure 4b. Relative Luminous Flux vs. Forward
Current for Red and Amber at TJ = 25
oC
maintained.
Figure 5a. Maximum Forward Current vs.
Ambient Temperature. Derating based on
TJMAX = 135
oC for White, Green, Cyan and
Blue12-Up.
Figure 5b. Maximum Forward Current vs.
Ambient Temperature. Derating based
on TJMAX = 120
oC for Red and Amber 12-Up.
0
50
100
150
200
250
300
350
400
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
V
F - Forw ard V oltage (V olts)
0
3
6
9
12
15
18
21
800
600
700
500
400
200
100
300
1200
900
1050
750
600
300
150
450
18-Up 12-Up
0
0.2
0.4
0.6
0.8
1
1.2
0
100
200
300
400
I
F - A v erage Forw ard Current (mA )
0
200
400
600
800
0
300
600
900
1200
12-Up
18-Up
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
100
200
300
400
I
F - A v erage Forw ard Current (mA )
0
200
400
600
800
0
300
600
900
1200
12-Up
18-Up
Figure 6a. Maximum Forward Current vs.
Ambient Temperature. Derating based on
TJMAX = 135
oC for White, Green, Cyan and
Blue18-Up.
Figure 6b. Maximum Forward Current vs.
Ambient Temperature. Derating based
on TJMAX = 120
oC for Red and Amber 18-Up.
Note:
Driving these high power devices at
currents less than the test conditions
may produce unpredictable results
and may be subject to variation in
performance. Pulse width modulation
is recommended for dimming effects.
0
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
T
A - A mbient Temperature (
oC)
R
θ
J-A=6
oC/W
R
θ
J-A=5
oC/W
R
θ
J-A=4
oC/W
R
θ
J-A=3
oC/W
0
100
200
300
400
500
600
700
800
025
50
75
100
125
T
A - Ambient Temperature (
oC)
R
θ
J-A=6
oC/W
R
θ
J-A=5
oC/W
R
θ
J-A=4
oC/W
R
θ
J-A=3
oC/W
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
T
A - Ambient Temperature (
oC)
R
θ
J-A=4
oC/W
R
θ
J-A=3
oC/W
R
θ
J-A=2
oC/W
0
200
400
600
800
1000
1200
0
25
50
75
100
125
T
A - A mbient Temperature (
oC)
R
θ
J-A=4
oC/W
R
θ
J-A=3
oC/W
R
θ
J-A=2
oC/W


Similar Part No. - LXHL-MMCA

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-MM1C-00F LUMILEDS-LXHL-MM1C-00F Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-MM1D-00F LUMILEDS-LXHL-MM1D-00F Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
More results

Similar Description - LXHL-MMCA

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-100WDF-YHA-CW PARALIGHT-PARA-SPL-100WDF-YHA-CW Datasheet
206Kb / 4P
   100W Flood Light
logo
A-BRIGHT Inc
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
   LED Flood Light
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-200WDF-YFA-CW PARALIGHT-PARA-SPL-200WDF-YFA-CW Datasheet
219Kb / 4P
   200W Flood Light
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com