Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-MWCE Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXHL-MWCE
Description  power light source Luxeon Flood
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-MWCE Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXHL-MWCE Datasheet HTML 1Page - Lumileds Lighting Company LXHL-MWCE Datasheet HTML 2Page - Lumileds Lighting Company LXHL-MWCE Datasheet HTML 3Page - Lumileds Lighting Company LXHL-MWCE Datasheet HTML 4Page - Lumileds Lighting Company LXHL-MWCE Datasheet HTML 5Page - Lumileds Lighting Company LXHL-MWCE Datasheet HTML 6Page - Lumileds Lighting Company LXHL-MWCE Datasheet HTML 7Page - Lumileds Lighting Company LXHL-MWCE Datasheet HTML 8Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Luxeon Flood
5
Document #: DS24 (10/05)
Wavelength Characteristics
Light Output Characteristics
50
60
70
80
90
100
110
120
130
140
150
-20
0
20
40
60
80
100
120
Junction Temperature, T
J (
oC)
Green
Blue
White
Cyan
Figure 1a.
Relative Intensity vs. Wavelength.
Figure 2a.
Relative Light Output vs. Junction
Temperature for White, Green, Cyan
and Blue.
Figure 2b.
Relative Light Output vs. Junction
Temperature for Red and Amber.
0.0
0.2
0.4
0.6
0.8
1.0
400
450
500
550
600
650
700
Wavelength (nm)
RE D
AM B E R
BLUE
GR EE N
CY AN
Figure 1b.
White Color Spectrum of Typical CCT
Part, Integrated Measurement.
0
20
40
60
80
100
120
140
160
180
200
-20
0
20
40
60
80
100
120
Junction Temperature, T
J (
oC)
Red
Amber
0.0
0.2
0.4
0.6
0.8
1.0
350
400
450
500
550
600
650
700
750
800
Wavelength (nm)


Similar Part No. - LXHL-MWCE

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-MW1D-00F LUMILEDS-LXHL-MW1D-00F Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-MW1D-00J LUMILEDS-LXHL-MW1D-00J Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-MW1D-00M LUMILEDS-LXHL-MW1D-00M Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-MWEC-00F LUMILEDS-LXHL-MWEC-00F Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-MWEC-00J LUMILEDS-LXHL-MWEC-00J Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
More results

Similar Description - LXHL-MWCE

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-100WDF-YHA-CW PARALIGHT-PARA-SPL-100WDF-YHA-CW Datasheet
206Kb / 4P
   100W Flood Light
logo
A-BRIGHT Inc
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
   LED Flood Light
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-200WDF-YFA-CW PARALIGHT-PARA-SPL-200WDF-YFA-CW Datasheet
219Kb / 4P
   200W Flood Light
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com