Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-PRD5 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # LXHL-PRD5
Description  power light source Luxeon Dental
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-PRD5 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button LXHL-PRD5 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-PRD5 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-PRD5 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-PRD5 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-PRD5 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-PRD5 Datasheet HTML 9Page - Lumileds Lighting Company LXHL-PRD5 Datasheet HTML 10Page - Lumileds Lighting Company LXHL-PRD5 Datasheet HTML 11Page - Lumileds Lighting Company LXHL-PRD5 Datasheet HTML 12Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Luxeon Dental
11
Document #: DS35 (02/04)
Emitter Reel Packaging
Figure 11.
Reel dimensions and orientation.
Figure 12.
Tape dimensions for Lambertian
radiation pattern.
Lambertian
Notes:
1.
Luxeon emitters should be picked
up by the body (not the lens) during
placement. The inner diameter of the
pick-up collet should be greater than
or equal to 6.5 mm. Please consult
Lumileds' Application Brief AB10 on
Luxeon Emitter assembly information
for further details on assembly
methods.
2.
Drawings not to scale.
3.
All dimensions are in millimeters.
4.
All dimensions without tolerances are
for reference only.


Similar Part No. - LXHL-PRD5

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-PR02 LUMILEDS-LXHL-PR02 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
logo
List of Unclassifed Man...
LXHL-PR03 ETC-LXHL-PR03 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-PR03 LUMILEDS-LXHL-PR03 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
logo
List of Unclassifed Man...
LXHL-PR09 ETC-LXHL-PR09 Datasheet
422Kb / 16P
   Combining the lifetime and reliability Advantages of Light Emitting Diodes with the Brightness of conventional lighting.
logo
Lumileds Lighting Compa...
LXHL-PR09 LUMILEDS-LXHL-PR09 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
More results

Similar Description - LXHL-PRD5

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXCL-PWF4 LUMILEDS-LXCL-PWF4 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EL05 LUMILEDS-LXCL-EL05 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EW06 LUMILEDS-LXCL-EW06 Datasheet
1Mb / 17P
   Power Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com