Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-PM02 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # LXHL-PM02
Description  power light source Luxeon V Emitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-PM02 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  LXHL-PM02 Datasheet HTML 1Page - Lumileds Lighting Company LXHL-PM02 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-PM02 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-PM02 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-PM02 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-PM02 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-PM02 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-PM02 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-PM02 Datasheet HTML 9Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Luxeon V Emitter
2
Document #: DS34 (09/19/04)
Mechanical Dimensions
Notes:
1.
The anode side of the device is
denoted by a hole in the lead frame.
Electrical insulation between the case
and the board is required – slug of
device is not electrically neutral. Do
not electrically connect either the
anode or cathode to the slug.
2.
Drawings not to scale.
3.
All dimensions are in millimeters.
4.
All dimensions without tolerances are
for reference only.
Lambertian
Side Emitting
Notes:
1.
The anode side of the device is
denoted by a hole in the lead frame.
Electrical insulation between the case
and the board is required – slug of
device is not electrically neutral. Do
not electrically connect either the
anode or cathode to the slug.
2.
Caution must be used in handling this
device to avoid damage to the lens
surfaces that will reduce optical
efficiency.
3.
Drawings not to scale.
4.
All dimensions are in millimeters.
5.
All dimensions without tolerances are
for reference only.


Similar Part No. - LXHL-PM02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-PM01 ETC-LXHL-PM01 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-PM01 LUMILEDS-LXHL-PM01 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
LXHL-PM01-00F LUMILEDS-LXHL-PM01-00F Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
logo
List of Unclassifed Man...
LXHL-PM09 ETC-LXHL-PM09 Datasheet
422Kb / 16P
   Combining the lifetime and reliability Advantages of Light Emitting Diodes with the Brightness of conventional lighting.
logo
Lumileds Lighting Compa...
LXHL-PM09 LUMILEDS-LXHL-PM09 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
More results

Similar Description - LXHL-PM02

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com