Electronic Components Datasheet Search |
|
DS34 Datasheet(PDF) 3 Page - Lumileds Lighting Company |
|
DS34 Datasheet(HTML) 3 Page - Lumileds Lighting Company |
3 / 9 page Luxeon V Emitter 3 Document #: DS34 (09/19/04) Flux Characteristics at 700mA, Junction Temperature, T J = 25 oC Color Luxeon V Emitter Minimum Luminous Flux (lm) or Radiometric Power (mW) ΦV [1,2] Typical Luminous Flux (lm) or Radiometric Power (mW) ΦV [2] Radiation Pattern Green LXHL-PM02 67.2 160 Cyan LXHL-PE02 67.2 160 Lambertian Blue[3] LXHL-PB02 23.5 48 Royal blue[4] LXHL-PR02 275 mW 700 mW Green LXHL-DM02 67.2 145 Cyan LXHL-DE02 67.2 145 Side Emitting Blue[3] LXHL-DB02 23.5 43 Royal Blue[4] LXHL-DR02 275 mW 630 mW Electrical Characteristics at 700mA, Junction Temperature, T J = 25 oC Forward Voltage VF (V)[1] Dynamic resistance[2] Temperature coefficient of forward voltage[3] (mV/oC) Thermal resistance, junction to case Color Min. Typ. Max. ( Ω) RD ∆VF/ ∆TJ (oC/W) R θJ-C Green 5.43 6.84 8.31 1.0 -4.0 8 Cyan 5.43 6.84 8.31 1.0 -4.0 8 Blue 5.43 6.84 8.31 1.0 -4.0 8 Royal Blue 5.43 6.84 8.31 1.0 -4.0 8 Notes: 1. Minimum luminous flux or radiometric power performance guaranteed within published operating conditions. Lumileds maintains a tolerance of ± 10% on flux and power measurements. 2. Luxeon types with even higher luminous flux levels will become available in the future. Please consult your Lumileds Authorized Distributor or Lumileds sales representative for more information. 3. Minimum flux value for 470 nm devices. Due to the CIE eye response curve in the short blue wavelength range, the minimum luminous flux will vary over the Lumileds’ blue color range. Luminous flux will vary from a minimum of 18.1 lm at 460 nm to a typical of 80 lm at 480 nm due to this effect. Although the luminous power efficiency is lower in the short blue wavelength range, radiometric power efficiency increases as wavelength decreases. For more information, consult the Luxeon Design Guide, available upon request. 4. Royal Blue product is binned by radiometric power and peak wavelength rather than photometric lumens and dominant wavelength. Notes: 1. Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements. 2. Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See Figure 3. 3. Measured between 25oC ≤ TJ ≤ 110oC at I F = 700mA. |
Similar Part No. - DS34 |
|
Similar Description - DS34 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |