Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-FM3C Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXHL-FM3C
Description  power light source LUXEON짰 III Star
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-FM3C Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXHL-FM3C Datasheet HTML 1Page - Lumileds Lighting Company LXHL-FM3C Datasheet HTML 2Page - Lumileds Lighting Company LXHL-FM3C Datasheet HTML 3Page - Lumileds Lighting Company LXHL-FM3C Datasheet HTML 4Page - Lumileds Lighting Company LXHL-FM3C Datasheet HTML 5Page - Lumileds Lighting Company LXHL-FM3C Datasheet HTML 6Page - Lumileds Lighting Company LXHL-FM3C Datasheet HTML 7Page - Lumileds Lighting Company LXHL-FM3C Datasheet HTML 8Page - Lumileds Lighting Company LXHL-FM3C Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LUXEON III Star DS46 (3/06)
5
Optical Characteristics at 1400mA, Junction Temperature, TJ = 25ºC
Table 6.
T
Te
em
mp
pe
erra
attu
urre
e
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
wiin
ng
g
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h[[11]]
H
Ha
allff w
wiid
dtth
h[[22]]
W
Wa
av
ve
elle
en
ng
gtth
h
A
An
ng
glle
e[[33]]
A
An
ng
glle
e[[44]]
R
Ra
ad
diia
attiio
on
n
λλD
D
((n
nm
m))
((n
nm
m//ooC
C))
((d
de
eg
grre
ee
es
s))
((d
de
eg
grre
ee
es
s))
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
∆∆λλ
1
1//2
2
∆∆λλ
D
D/
/
∆∆TT
J
J
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
Red
620.5nm
627nm
645nm
20
0.05
170
130
Lambertian
RedOrange
613.5nm
617nm
620.5nm
18
0.06
170
130
Amber
584.5nm
590nm
597nm
17
0.09
170
130
Optical Characteristics at 1400mA, Junction Temperature, TJ = 25ºC,
Continued
Table 7.
T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all F
Fllu
ux
x
T
Ty
yp
piic
ca
all
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
P
Pe
errc
ce
en
ntt
A
An
ng
glle
e
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h[[11]]
H
Ha
allff w
wiid
dtth
h[[22]]
W
Wa
av
ve
elle
en
ng
gtth
h
w
wiitth
hiin
n
o
off P
Pe
ea
ak
k
R
Ra
ad
diia
attiio
on
n
λλD
D
((n
nm
m))
((n
nm
m//ooC
C))
ffiirrs
stt 4
45
5°° [[55]]
IIn
ntte
en
ns
siitty
y [[66]]
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
∆∆λλ
1
1//2
2
∆∆λλ
D
D/
/
∆∆TT
J
J
C
Cu
um
m
Φ
Φ
4
45
5°°
θθ
P
Pe
ea
ak
k
Red
620.5nm
627nm
645nm
20
0.05
<30%
75°
85°
Side Emitting
RedOrange
613.5nm
617nm
620.5nm
18
0.06
<30%
75°
85°
Amber
584.5nm
590nm
597nm
17
0.09
<30%
75°
85°
Notes: (for Tables 6 & 7)
1. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color. Lumileds
maintains a tolerance of ± 0.5nm for dominant wavelength measurements.
2. Spectral width at ½ of the peak intensity.
3. Total angle at which 90% of total luminous flux is captured.
4.
θ½ is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
5. Cumulative flux percent within ± 45° from optical axis.
6. Off axis angle from lamp centerline where the luminous intensity reaches the peak value.
7. All red, redorange and amber products built with Aluminum Indium Gallium Phosphide (AlInGaP).


Similar Part No. - LXHL-FM3C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-FM3C ETC-LXHL-FM3C Datasheet
242Kb / 14P
   Luxeon III Star
More results

Similar Description - LXHL-FM3C

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
DS49 LUMILEDS-DS49 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com