Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-PW03 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXHL-PW03
Description  power light source LUXEON짰 V Portable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-PW03 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXHL-PW03 Datasheet HTML 1Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LUXEON V Portable Datasheet DS40 (8/06)
5
Electrical Characteristics at 700mA, Junction Temperature, TJ = 25ºC
Table 3.
T
Te
em
mp
pe
erra
attu
urre
e C
Co
oe
effffiic
ciie
en
ntt
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
VFF [[11]]
D
Dy
yn
na
am
miic
c
o
off F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e [[33]]
T
Th
he
errm
ma
all R
Re
es
siis
stta
an
nc
ce
e,,
((V
V))
R
Re
es
siis
stta
an
nc
ce
e [[22]]
((m
mV
V//ººC
C))
J
Ju
un
nc
cttiio
on
n tto
o S
Sllu
ug
g o
orr C
Ca
as
se
e
P
Pa
arrtt N
Nu
um
mb
be
err
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
((
Ω
Ω)) R
RDD
ΔΔVV
F
F // Δ
ΔTT
J
J
((ººC
C//W
W)) R
R
θθ
J
J C
C
LXHLPW03
5.43
6.84
8.31
1.0
4.0
8
LXHLDW03
5.43
6.84
8.31
1.0
4.0
8
LXHLLW6C
5.43
6.84
8.31
1.0
4.0
11
LXHLFW6C
5.43
6.84
8.31
1.0
4.0
11
Notes for Table 3:
1.
Philips Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements.
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See Figures 3.
3.
Measured between 25°C
≤ T
J ≤ 110°C at IF = 700mA.
Optical Characteristics at 700mA, Junction Temperature, TJ = 25ºC
Table 4.
C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e C
CC
CT
T [[11]]
R
Ra
ad
diia
attiio
on
n P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
Lambertian
White
4500 K
5500 K
10,000 K
Side Emitting
White
4500 K
5500 K
10,000 K
Notes for Table 4:
1.
CRI (Color Rendering Index) for White product types is 70. Philips Lumileds maintains a ± 5% tester tolerance on CCT.
2.
All products built with Indium Gallium Nitride (InGaN).
Optical Characteristics at 700mA, Junction Temperature, TJ = 25ºC, Cont’d
Table 5.
T
To
otta
all IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
wiin
ng
g A
An
ng
glle
e [[22]]
A
An
ng
glle
e [[11]] ((d
de
eg
grre
ee
e))
((d
de
eg
grre
ee
e))
R
Ra
ad
diia
attiio
on
n P
Pa
atttte
errn
n
C
Co
ollo
orr
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
Lambertian
White
150
120
Notes for Table 5:
1.
Total angle at which 90% of total luminous flux is captured.
2.
θ½ is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
Optical Characteristics at 700mA, Junction Temperature, TJ = 25ºC, Cont’d
Table 6.
T
Ty
yp
piic
ca
all tto
otta
all ffllu
ux
x
p
pe
errc
ce
en
ntt w
wiitth
hiin
n ffiirrs
stt
T
Ty
yp
piic
ca
all a
an
ng
glle
e o
off
4
45
5ºº [[11]]
p
pe
ea
ak
k iin
ntte
en
ns
siitty
y [[22]]
R
Ra
ad
diia
attiio
on
n P
Pa
atttte
errn
n
C
Co
ollo
orr
C
Cu
um
m
Φ
Φ
4
45
5ºº
θθ PPEEAAKK
Side Emitting
White
<30%
75º – 85º
Notes for Table 6:
1.
Cumulative flux percent within ± 45º from optical axis.
2.
Off axis angle from lamp centerline where the luminous intensity reaches peak off axis value. On axis peak may be higher
than off axis peak.


Similar Part No. - LXHL-PW03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-PW01 ETC-LXHL-PW01 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-PW01 LUMILEDS-LXHL-PW01 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
LXHL-PW01-00F LUMILEDS-LXHL-PW01-00F Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
LXHL-PW01-00J LUMILEDS-LXHL-PW01-00J Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
LXHL-PW01-00M LUMILEDS-LXHL-PW01-00M Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
More results

Similar Description - LXHL-PW03

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
DS49 LUMILEDS-DS49 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com