Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AQK1211 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. AQK1211
Description  AQ-K SOLID STATE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AQK1211 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
74
AQ-K
RELAYS
AQ-K SOLID STATE RELAY
Pending
UL
C-UL TÜV
Pending Pending
FEATURES
1. Combined with heat sink for slim
profile
Helps to save space on control panel
2. Dielectric voltage of 2,500V or
4,000V
3. Both screw-on installation or one-
touch DIN-rail installation available
4. Includes operation LED (red)
5. Built-in varistor
APPLICATIONS
1. Molding machine (heater control)
2. Temperature controlled bath (heater
control)
3. Printing machine (heater control)
4. Machine tool (motor control)
TYPES
Type
Load current
Load voltage
Breakdown voltage
Part No.
Zero-cross
15 A
75 to 250 V AC
2,500 V AC
AQK1211
4,000 V AC
AQK1231
25 A
75 to 250 V AC
2,500 V AC
AQK2211
4,000 V AC
AQK2231
ORDERING INFORMATION
Ex. AQK
Load current
1: 15 A
2: 25 A
2: 75 to 250 V AC
1: Zero-cross type (2,500 V)
3: Zero-cross type (4,000 V)
1: 4.5 to 30 V DC
Load voltage
Type
Input voltage
Note: Standard packing: Carton 10 pcs., Case: 60 pcs.
SPECIFICATIONS
1. Ratings (at 20
°C 68°F, Input ripple: 1% or less)
1) 10 A type
Items
Type
AQK1211
AQK1231
AQK2211
AQK2231
Remarks
Input side
Input voltage
4.5 to 30 V DC
Input current, max.
10 mA
Drop-out voltage, min.
1 V
Load side
Max. load current
15 A
25 A
See “REFERENCE DATA 1”
Load voltage
75 to 250 V AC
Frequency
45 to 65 Hz
Non-repetitive surge current
150 A
250 A
In one cycle at 60 Hz
Max. “OFF-state” leakage current
9 mA (when 200 V applied)
at 60 Hz
Max. “ON-state” voltage drop
1.6 V
at max. carrying current
Min. load current
100 mA


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S101N11Voltage Input Type Solid State Relay with Built-in Snubber Circuit 1 2 3 4 Sharp Electrionic Components
S101N11Voltage Input Type Solid State Relay with Built-in Snubber Circuit 1 2 3 4 Sharp Electrionic Components
TLP3021FOFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY 1 2 Toshiba Semiconductor
TLP3021FOFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY 1 2 Toshiba Semiconductor
LH1540AT1 Form A Solid State Relay 1 2 3 4 5 Infineon Technologies AG
LH1540AT1 Form A Solid State Relay 1 2 3 4 5 Infineon Technologies AG
LH1540AAB1 Form A Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
LH1540AAB1 Form A Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
VND600DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY 1 2 3 4 5 MoreSTMicroelectronics
VND600DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY 1 2 3 4 5 MoreSTMicroelectronics
PS7112-1A_016 PIN DIP SOLID STATE RELAY 1 2 3 4 5 MoreNEC
PS7112-1A_016 PIN DIP SOLID STATE RELAY 1 2 3 4 5 MoreNEC
LH1512BAC_05Dual 1 Form A/B C Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
LH1512BAC_05Dual 1 Form A/B C Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
HFS27SOLID STATE RELAY 1 2 3 Hongfa Technology
HFS27SOLID STATE RELAY 1 2 3 Hongfa Technology
VN330SP-EQuad high side smart Power solid state relay 1 2 3 4 5 MoreSTMicroelectronics
VN330SP-EQuad high side smart Power solid state relay 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn