Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AQK1211 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. AQK1211
Description  AQ-K SOLID STATE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AQK1211 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AQ-K
75
2. Characteristics (at 20
°C 68°F, Input ripple: 1% or less)
Part No.
AQK1211
AQK1231
AQK2211
AQK2231
Remarks
Operate time, max.
(1/2 cycle of voltage sine wave) + 1 ms
Release time, max.
(1/2 cycle of voltage sine wave) + 1 ms
Breakdown voltage
2,500 V AC
4,000 V AC
2,500 V AC
4,000 V AC
Ambient temperature
–30
°C to +80°C –22°F to +176°F
Non-condensing at low temperatures
Insulation resistance, min., Initial
100 M
Ω between input, output and case
by 500V DC megger
Vibration resistance
10 to 55 Hz at double amplitude of 0.75 mm
For 1 min.
Shock resistance
Min. 294 m/s2
Storage temperature
–35
°C to +100°C –31°F to +212°F
Operational method
Zero-cross (Turn-ON and Turn-OFF)
DIMENSIONS
Electrode
terminal cover
Input signal display LED
65.7
2.587
77.6
3.055
26.25
1.033
Max. 102
Max. 4.016
Max. 22
Max. .866
Max. 100
Max. 3.937
Schematic
Mounting dimensions (Bottom view)
35-mm DIN rail installation, or 2-4.6/M4 dia. Screws
Load
Load power
source
Input power
source
1
2
3
4
90.0
3.543
10.8
.425
mm inch
REFERENCE DATA
1. Load current vs. ambient temperature
characteristics
2. Non-repetitive surge current vs. carrying
time (15 A, 25 A type)
3. Input current vs. input voltage characteristics
20
25
30
15
5
10
0
0
–30
20
40
60
80
15A type
25A type
Ambient temperature,
°C
0
50
100
150
200
250
300
1
2
3 4 5
7 10
20 30 4050 70 100
15A type
25A type
No. of cycles at 60 Hz
10
15
5
0
5
0
1015202530
Input voltage, V
For Cautions for Use, see Page 24 to 27.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S101N11Voltage Input Type Solid State Relay with Built-in Snubber Circuit 1 2 3 4 Sharp Electrionic Components
S101N11Voltage Input Type Solid State Relay with Built-in Snubber Circuit 1 2 3 4 Sharp Electrionic Components
TLP3021FOFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY 1 2 Toshiba Semiconductor
TLP3021FOFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY 1 2 Toshiba Semiconductor
LH1540AT1 Form A Solid State Relay 1 2 3 4 5 Infineon Technologies AG
LH1540AT1 Form A Solid State Relay 1 2 3 4 5 Infineon Technologies AG
LH1540AAB1 Form A Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
LH1540AAB1 Form A Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
VND600DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY 1 2 3 4 5 MoreSTMicroelectronics
VND600DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY 1 2 3 4 5 MoreSTMicroelectronics
PS7112-1A_016 PIN DIP SOLID STATE RELAY 1 2 3 4 5 MoreNEC
PS7112-1A_016 PIN DIP SOLID STATE RELAY 1 2 3 4 5 MoreNEC
LH1512BAC_05Dual 1 Form A/B C Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
LH1512BAC_05Dual 1 Form A/B C Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
HFS27SOLID STATE RELAY 1 2 3 Hongfa Technology
HFS27SOLID STATE RELAY 1 2 3 Hongfa Technology
VN330SP-EQuad high side smart Power solid state relay 1 2 3 4 5 MoreSTMicroelectronics
VN330SP-EQuad high side smart Power solid state relay 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn