Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74TVC16222A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74TVC16222A
Description  22-BIT VOLTAGE CLAMP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC16222A Datasheet(HTML) 3 Page - Texas Instruments

  SN74TVC16222A Datasheet HTML 1Page - Texas Instruments SN74TVC16222A Datasheet HTML 2Page - Texas Instruments SN74TVC16222A Datasheet HTML 3Page - Texas Instruments SN74TVC16222A Datasheet HTML 4Page - Texas Instruments SN74TVC16222A Datasheet HTML 5Page - Texas Instruments SN74TVC16222A Datasheet HTML 6Page - Texas Instruments SN74TVC16222A Datasheet HTML 7Page - Texas Instruments SN74TVC16222A Datasheet HTML 8Page - Texas Instruments SN74TVC16222A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN74TVC16222A
22BIT VOLTAGE CLAMP
SCDS087G − APRIL 1999 − REVISED APRIL 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VBIAS = 0,
II = −18 mA
−1.2
V
VOL
IREF = 5 mA,
VDPU = 2.625 V,
VREF = 1.365 V,
RDPU = 150 Ω
VS = 0.175 V,
See Figure 2
350
mV
Ci(GATE)
VI = 3 V or 0
73
pF
Cio(off)
VO = 3 V or 0
4
12
pF
Cio(on)
VO = 3 V or 0
12
25
pF
ron‡
IREF = 5 mA,
VDPU = 2.625 V,
VREF = 1.365 V,
RDPU = 150 Ω
VS = 0.175 V,
See Figure 2
12.5
† All typical values are at TA = 25°C.
‡ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower voltage of the two (A or B) terminals.
electrical characteristics from −40
°C to 75°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ron‡
IREF = 5 mA,
VDPU = 2.625 V,
VREF = 1.552 V,
RDPU = 150 Ω
VS = 0.175 V,
See Figure 2
10
‡ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower voltage of the two (A or B) terminals.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VDPU = 2.36 V to 2.64 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
A or B
B or A
0
4
ns
tPHL
A or B
B or A
0
4
ns


Similar Part No. - SN74TVC16222A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222ADGG TI-SN74TVC16222ADGG Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222ADGGR TI-SN74TVC16222ADGGR Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222ADGGR TI-SN74TVC16222ADGGR Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
More results

Similar Description - SN74TVC16222A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com