Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74TVC16222A Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74TVC16222A
Description  22-BIT VOLTAGE CLAMP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC16222A Datasheet(HTML) 2 Page - Texas Instruments

  SN74TVC16222A_08 Datasheet HTML 1Page - Texas Instruments SN74TVC16222A_08 Datasheet HTML 2Page - Texas Instruments SN74TVC16222A_08 Datasheet HTML 3Page - Texas Instruments SN74TVC16222A_08 Datasheet HTML 4Page - Texas Instruments SN74TVC16222A_08 Datasheet HTML 5Page - Texas Instruments SN74TVC16222A_08 Datasheet HTML 6Page - Texas Instruments SN74TVC16222A_08 Datasheet HTML 7Page - Texas Instruments SN74TVC16222A_08 Datasheet HTML 8Page - Texas Instruments SN74TVC16222A_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN74TVC16222A
22BIT VOLTAGE CLAMP
SCDS087G − APRIL 1999 − REVISED APRIL 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
simplified schematic
48
47
46
45
44
25
12
3
4
5
24
GND
A1
A2
A3
A4
A23
GATE
B1
B2
B3
B4
B23
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input/output voltage range, VI/O (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
63
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and input/output negative-voltage ratings may be exceeded if the input and input/output clamp-current ratings are
observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
TYP
MAX
UNIT
VI/O
Input/output voltage
0
5.5
V
VGATE
GATE voltage
0
5.5
V
IPASS
Pass-transistor current
20
64
mA
TA
Operating free-air temperature
−40
85
°C
application operating conditions (see Figure 3)
MIN
TYP
MAX
UNIT
VBIAS
BIAS voltage
VREF + 0.6
2.1
5
V
VGATE
GATE voltage
VREF + 0.6
2.1
5
V
VREF
Reference voltage
0
1.5
4.4
V
VDPU
Drain pullup voltage
2.36
2.5
2.64
V
IPASS
Pass-transistor current
14
20
mA
IREF
Reference-transistor current
5
µA
TA
Operating free-air temperature
−40
85
°C


Similar Part No. - SN74TVC16222A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
More results

Similar Description - SN74TVC16222A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com