Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCZ245A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCZ245A
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCZ245A Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVCZ245A Datasheet HTML 1Page - Texas Instruments SN74LVCZ245A Datasheet HTML 2Page - Texas Instruments SN74LVCZ245A Datasheet HTML 3Page - Texas Instruments SN74LVCZ245A Datasheet HTML 4Page - Texas Instruments SN74LVCZ245A Datasheet HTML 5Page - Texas Instruments SN74LVCZ245A Datasheet HTML 6Page - Texas Instruments SN74LVCZ245A Datasheet HTML 7Page - Texas Instruments SN74LVCZ245A Datasheet HTML 8Page - Texas Instruments SN74LVCZ245A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN74LVCZ245A
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES275G – JUNE 1999 – REVISED AUGUST 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
2.7
3.6
V
VIH
High-level input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level input voltage
VCC = 2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
High or low state
0
VCC
V
VO
Output voltage
3-state
0
5.5
V
IOH
High-level output current
VCC = 2.7 V
–12
mA
IOH
High-level output current
VCC = 3 V
–24
mA
IOL
Low-level output current
VCC = 2.7 V
12
mA
IOL
Low-level output current
VCC = 3 V
24
mA
∆t/∆v
Input transition rise or fall rate
6
ns/V
∆t/∆VCC Power-up ramp rate
150
µs/V
TA
Operating free-air temperature
–40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
V
IOH = –100 µA
2.7 V to 3.6 V
VCC–0.2
V
VOH
IOH = –12 mA
2.7 V
2.2
V
VOH
IOH = –12 mA
3 V
2.4
V
IOH = –24 mA
3 V
2.2
V
IOL = 100 µA
2.7 V to 3.6 V
0.2
V
VOL
IOL = 12 mA
2.7 V
0.4
V
OL
IOL = 24 mA
3 V
0.55
II
Control inputs
VI = 0 to 5.5 V
3.6 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±5
µA
IOZ‡
VO = 0 to 5.5 V
3.6 V
±5
µA
IOZPU
VO = 0.5 V to 2.5 V,
OE = don’t care
0 to 1.5 V
±5
µA
IOZPD
VO = 0.5 V to 2.5 V,
OE = don’t care
1.5 V to 0
±5
µA
ICC
VI = VCC or GND
IO = 0
3.6 V
100
µA
ICC
3.6 V
≤ VI ≤ 5.5 V§
IO = 0
3.6 V
100
µA
∆ICC
One input at VCC – 0.6 V, Other inputs at VCC or GND
2.7 V to 3.6 V
100
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
4
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
6
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This applies in the disabled state only.


Similar Part No. - SN74LVCZ245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A Datasheet
84Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ245ADB TI-SN74LVCZ245ADB Datasheet
84Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ245ADGV TI-SN74LVCZ245ADGV Datasheet
84Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ245ADW TI-SN74LVCZ245ADW Datasheet
84Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ245APW TI-SN74LVCZ245APW Datasheet
84Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCZ245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com