Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LV157A Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54LV157A
Description  QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV157A Datasheet(HTML) 5 Page - Texas Instruments

  SN54LV157A Datasheet HTML 1Page - Texas Instruments SN54LV157A Datasheet HTML 2Page - Texas Instruments SN54LV157A Datasheet HTML 3Page - Texas Instruments SN54LV157A Datasheet HTML 4Page - Texas Instruments SN54LV157A Datasheet HTML 5Page - Texas Instruments SN54LV157A Datasheet HTML 6Page - Texas Instruments SN54LV157A Datasheet HTML 7Page - Texas Instruments SN54LV157A Datasheet HTML 8Page - Texas Instruments SN54LV157A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54LV157A, SN74LV157A
QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCLS397F − APRIL 1998 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV157A
SN74LV157A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
A or B
Y
7.4*
15.9*
1*
19.5*
1
19.5
tpd
A/B
Y
CL = 15 pF
7.9*
19.4*
1*
23.5*
1
23.5
ns
tpd
G
Y
CL = 15 pF
7.8*
19.8*
1*
24*
1
24
ns
A or B
Y
9.4
18.8
1
22
1
22
tpd
A/B
Y
CL = 50 pF
10.8
22.3
1
26
1
26
ns
tpd
G
Y
CL = 50 pF
9.6
22.7
1
26.5
1
26.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV157A
SN74LV157A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
A or B
Y
5.2*
9.7*
1*
11.5*
1
11.5
tpd
A/B
Y
CL = 15 pF
5.8*
13.2*
1*
15.5*
1
15.5
ns
tpd
G
Y
CL = 15 pF
5.5*
13.6*
1*
16*
1
16
ns
A or B
Y
6.7
13.2
1
15
1
15
tpd
A/B
Y
CL = 50 pF
7.6
16.7
1
19
1
19
ns
tpd
G
Y
CL = 50 pF
7
17.1
1
19.5
1
19.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV157A
SN74LV157A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
A or B
Y
3.6*
6.4*
1*
7.5*
1
7.5
tpd
A/B
Y
CL = 15 pF
4.1*
8.1*
1*
9.5*
1
9.5
ns
tpd
G
Y
CL = 15 pF
3.8*
8.6*
1*
10*
1
10
ns
A or B
Y
4.8
8.4
1
9.5
1
9.5
tpd
A/B
Y
CL = 50 pF
5.4
10.1
1
11.5
1
11.5
ns
tpd
G
Y
CL = 50 pF
5
10.6
1
12
1
12
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74LV157A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.3
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.1
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.2
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 5: Characteristics are for surface-mount packages only.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54LV157A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV157A TI-SN54LV157A Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54LV157A TI-SN54LV157A Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN54LV157A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV157A TI-SN54LV157A Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com