Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPO-22 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CFPO-22
Description  high stability crystal oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPO-22 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CFPO-22 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPO-22 Datasheet HTML 2Page - List of Unclassifed Manufacturers CFPO-22 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phase Noise (typical figures)
Frequency
Frequency offset from carrier
10Hz
100Hz
1kHz
10kHz
100kHz
12.8MHz
-95dBc/Hz
-115dBc/Hz
-135dBc/Hz
-140dBc/Hz
-145dBc/Hz
Electrical Specification - limiting values when measured in test circuit
Frequency Range Supply Voltage Output Waveform
Output Levels
Rise Time (tr)
Fall Time (tf)
Duty Cycle
Model Number
1.25 to 33.0MHz
3.3V ±5%
Square
HCMOS 15pF
VoH >90% Vs
VoL < 10% Vs
7ns
7ns
45/55%
CFPO-20
1.25 to 33.0MHz
5.0V±10%
Square
HCMOS 15pF
VoH >90% Vs
VoL < 10% Vs
8ns
8ns
45/55%
CFPO-21
10.0 to 33.0MHz
3.3V±5%
Clipped Sinewave
10k
Ω//10pF
Vpk-pk >0.8V
-
-
-
CFPO-22
10.0 to 33MHz
5.0V±10%
Clipped Sinewave
10k
Ω//10pF
Vpk-pk >0.8V
-
-
-
CFPO-23
Frequency Stability Available Over Operating Temperature Ranges
Operating Temperature
Ranges
Frequency Stability Vs Operating Temperature Range
±0.025ppm
±0.05ppm
±0.1ppm
±0.2ppm
-20 to 70°C
Code PS*
Code RS
Code SS
Code MS
-40 to 85°C
-
Code RX
Code SX
Code MX
Ordering Example
14.4MHz
CFPO-20 SX
A
LF
Frequency
Model No.
Frequency Stability Vs Operating Temperature Code
Frequency Adjustment
RoHS Compliance
Note: * Codes may not be available for all frequencies
Minimum Order Information Required
Frequency + Model Number + Frequency Stability vs Operating Temperature Range Code + Frequency Adjustment Code
+ RoHS Compliance Code
OR
Discrete Part Number (suffix ‘LF’ signifies RoHS compliance)
Custom Specification
Non-standard requirements like high drive ACMOS output, low harmonic sinewave output, different supply and control volt-
ages, high frequency pulling, different stabilities and temperature ranges may be available upon request. Please contact our
sales office to discuss your requirements
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990


Similar Part No. - CFPO-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFPO-DO ETC2-CFPO-DO Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
CFPO-DO-1 ETC2-CFPO-DO-1 Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
CFPO-DO-140C12A5 ETC2-CFPO-DO-140C12A5 Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
CFPO-DO-140C12A50 ETC2-CFPO-DO-140C12A50 Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
CFPO-DO-140C12A50N ETC2-CFPO-DO-140C12A50N Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
More results

Similar Description - CFPO-22

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2520C-C1 KSS-KC2520C-C1_18 Datasheet
62Kb / 1P
   High Stability Clock Oscillators
KC2520C-C2 KSS-KC2520C-C2_18 Datasheet
62Kb / 1P
   High Stability Clock Oscillators
logo
List of Unclassifed Man...
CSX-325M ETC2-CSX-325M Datasheet
82Kb / 1P
   HIGH STABILITY CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Vanlong Technology Co.,...
PO303 VANLONG-PO303_13 Datasheet
44Kb / 1P
   High Stability Crystal Oscillator
logo
Epson ToYoCom
TCO-3100 EPSONTOYOCOM-TCO-3100 Datasheet
311Kb / 2P
   CRYSTAL OSCILLATOR HIGH-STABILITY
logo
Abracon Corporation
ABM8X ABRACON-ABM8X Datasheet
3Mb / 2P
   HIGH STABILITY SMD CRYSTAL
04.26.11
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com