Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4618DY Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI4618DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4618DY Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI4618DY Datasheet HTML 4Page - Vishay Siliconix SI4618DY Datasheet HTML 5Page - Vishay Siliconix SI4618DY Datasheet HTML 6Page - Vishay Siliconix SI4618DY Datasheet HTML 7Page - Vishay Siliconix SI4618DY Datasheet HTML 8Page - Vishay Siliconix SI4618DY Datasheet HTML 9Page - Vishay Siliconix SI4618DY Datasheet HTML 10Page - Vishay Siliconix SI4618DY Datasheet HTML 11Page - Vishay Siliconix SI4618DY Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 74450
S-70193-Rev. A, 29-Jan-07
www.vishay.com
9
Vishay Siliconix
Si4618DY
CHANNEL-2 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Reverse Current (Schottky)
1.0
1.2
0.001
10
100
0.00
0.2
0.4
0.6
0.8
25 °C
150 °C
VSD - Source-to-Drain Voltage (V)
1
0.1
0.01
125
150
10-6
10-2
10-1
025
50
75
100
10 V
VSD - Source-to-Drain Voltage (V)
10-3
10-4
10-5
30 V
20 V
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
VGS - Gate-to-Source Voltage (V)
0.00
0.01
0.02
0.03
0.04
0.05
012
3
4567
8
910
125 °C
25 °C
ID = 8 A
0
40
80
120
160
200
0
1
1
1
0
0
.
0
0.01
Time (sec)
0.1
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) isspecified
100
1
0
0
1
1
1
.
0
0.01
10
0.1
1 ms
10 ms
10 s
dc
100 ms
1 s
10
TA = 25 °C
Single Pulse
*Limited by rDS(on)


Similar Part No. - SI4618DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4618DY VISHAY-SI4618DY Datasheet
276Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
logo
Vishay Telefunken
SI4618DY TFUNK-SI4618DY Datasheet
277Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4618DY VISHAY-SI4618DY Datasheet
210Kb / 14P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4618DY-T1-E3 VISHAY-SI4618DY-T1-E3 Datasheet
276Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
SI4618DY-T1-GE3 VISHAY-SI4618DY-T1-GE3 Datasheet
276Kb / 15P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
More results

Similar Description - SI4618DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com